Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-93100BMG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-93100BMG
Description  3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-93100BMG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-93100BMG Datasheet HTML 1Page - Optoway Technology Inc SPS-93100BMG Datasheet HTML 2Page - Optoway Technology Inc SPS-93100BMG Datasheet HTML 3Page - Optoway Technology Inc SPS-93100BMG Datasheet HTML 4Page - Optoway Technology Inc SPS-93100BMG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-93100MG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-93100MG / SPS-93100BMG / SPS-93100AMG
(RoHS Compliant)
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with SONET OC-48 (LR-2) / SDH STM-16
(L-16.2)
l Compliant with Fibre Channel 1x/2x SM-LC-L FC-PI
l Compliant with IEEE 802.3z 1000BASE-ZX
l 1550 nm DFB LD Transmitter
l APD High Sensitivity Receiver
l 28 dB Power Budget at Least
l Distance up to 100 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-93100MG
l -10 to 85oC Operation: SPS-93100BMG
l -40 to 85oC Operation: SPS-93100AMG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPS-93100MG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and Fibre
Channel 1x/2x SM-LC-L FC-PI. It is with the SFP 20-pin
connector to allow hot plug capability. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1550 nm. A guaranteed minimum optical
link budget of 28 dB is offered which can correspond to a
link distance of over 100 km (assuming worst case fiber loss
of 0.22 dB/km). The transmitter section uses a multiple
quantum well 1550 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-93100MG
Multirate*
ELR
100
1550 DFB
LC SFP
0 to 70
5 to 0
-28
Yes
SPS-93100BMG
Multirate*
ELR
100
1550 DFB
LC SFP
-10 to 85
5 to 0
-28
Yes
SPS-93100AMG
Multirate*
ELR
100
1550 DFB
LC SFP
-40 to 85
5 to 0
-28
Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-93100MG
SPS-93100BMG
SPS-93100AMG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-93100MG
oC / SPS-93100BMG
oC / SPS-93100AMG
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
125
2488
2670
Mb/s


Similar Part No. - SPS-93100BMG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100BMG OPTOWAY-SPS-93100BMG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-93100BMG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380MG OPTOWAY-SPS-9380MG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MG OPTOWAY-SPS-9340MG_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93160MG OPTOWAY-SPS-93160MG Datasheet
148Kb / 5P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MG OPTOWAY-SPS-93120MG_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MG OPTOWAY-SPS-93100MG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MG OPTOWAY-SPS-93120MG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG OPTOWAY-SPS-9380MG_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MG OPTOWAY-SPS-9340MG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com