Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA840 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRA840
Description  8.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRA840 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRA840 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRA840 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRA820 - SRA8150
Low power loss, high efficiency.
Metal silicon junction, Majority carrier conduction.
High current capability, Low forward voltage drop.
High surge current capability.
Guard-ring for transient protection.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRA
820
SRA
830
SRA
840
SRA
85-0
SRA
860
SRA
890
SRA
8100
SRA
8150
Units
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
I(AV)
A
IFSM
A
VF
1.05
V
uA
mA
Cj
250
pF
JC
OC/W
TJ
OC
TSTG
OC
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Thermal Resistance from junction to case Per Leg, with Heatsink size (2"x3"x0.25") Al-plate.
400
4.0
150
8.0
'-65 to +150
-65 to +125
Maximum DC Reverse Current
@ TA=25℃
at Rated DC Blocking Voltage
@ TA=100℃
0.5
0.1
15
10
5.0
IR
300
Maximum Instantaneous Forward Voltage at 8.0A
Typical Junction Capacitance (Note 1)
-65 to +150
Operating Temperature Range
Storage Temperature Range
Typical Thermal Resistance per leg.(Note 2)
0.55
0.7
0.92
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Weight: 2.24 gram
Maximum Average Forward Rectified Current
See Fig. 1
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
High temperature soldering guaranteed: 260oC/10 seconds
/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
For use in Power supply - Output rectification, power
management, instrumentation.
Green compound with suffix "G" on packing
code & prefix "G" on date code.
Mounting Torque : 5 in-lbs. max.
Polarity: As marked
Mechanical Data
Cases: JEDEC TO-220AC Molded plastic
Mounting position : Any
TO-220AC
Features
Plastic material used carries Underwriters Laboratory
Classifications UL 94V-0
Terminal: Pure tin plated, lead free, solderable per MIL-
STD-202, Method 208 guaranteed
Dimensions in inches and (millimeters)
8.0 AMPS. Schottky Barrier Rectifiers
Epoxy :
UL 94V-0 rate flame retardant
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Page : 1 of 2
Version : D09


Similar Part No. - SRA840

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA840 TSC-SRA840 Datasheet
53Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA840 TSC-SRA840 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA840 TSC-SRA840 Datasheet
611Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA840 TSC-SRA840 Datasheet
219Kb / 2P
   8.0AMPS. Schottky Barrier Rectifiers
SRA840 TSC-SRA840 Datasheet
229Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SRA840

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
   8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820 Datasheet
53Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAD820 TSC-SRAD820 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_1 Datasheet
163Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRD820 TSC-SRD820 Datasheet
50Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_10 Datasheet
611Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com