Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28051P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28051P
Description  TRANSITION MODE PFC CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28051P Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28051P Datasheet HTML 3Page - Texas Instruments UCC28051P Datasheet HTML 4Page - Texas Instruments UCC28051P Datasheet HTML 5Page - Texas Instruments UCC28051P Datasheet HTML 6Page - Texas Instruments UCC28051P Datasheet HTML 7Page - Texas Instruments UCC28051P Datasheet HTML 8Page - Texas Instruments UCC28051P Datasheet HTML 9Page - Texas Instruments UCC28051P Datasheet HTML 10Page - Texas Instruments UCC28051P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
UCC28050, UCC28051
UCC38050, UCC38051
SLUS515F−SEPTEMBER 2002 − REVISED MARCH 2009
7
www.ti.com
V
CS ^ 0.67 (COMP * 2.5 V) MULTIN ) VOFFSET
VOFFSET is approximately 75 mV to improve the zero crossing distortion.
ZCD (Pin 5): This pin is the input for the zero current detect comparator. The boost inductor current is indirectly
sensed through the bias winding on the boost inductor. The ZCD pin input goes low when the inductor current
reaches zero and that transition is detected. Internal active voltage clamps are provided to prevent this pin from
going below ground or too high. If zero current is not detected within 400
µs, a reset timer sets the latch and
gate drive.
GND (Pin 6): The chip reference ground. All bypassing elements are connected to ground pin with shortest loops
feasible.
DRV (Pin 7): The gate drive output for an external boost switch. This output is capable of delivering up to 750-mA
peak currents during turn-on and turn-off. An external gate drive resistor may be needed to limit the peak current
depending on the VCC voltage being used. Below the UVLO threshold, the output is held low.
VCC (Pin 8): The supply voltage for the chip. This pin should be bypassed with a high-frequency capacitor
(greater than 0.1-
µF) and tied to GND. The UCC38050 has a wide UVLO hysteresis of approximately 6.3 V that
allows use of lower value supply capacitor on this pin for quicker and easier start-up. The UCC38051 has a
narrow UVLO hysteresis with of about 2.8 V and a start-up voltage of about 12.5 V for applications where the
operation of the PFC device needs to be controlled by a downstream PWM controller.


Similar Part No. - UCC28051P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28051P TI1-UCC28051P Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28051PE4 TI1-UCC28051PE4 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
More results

Similar Description - UCC28051P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com