Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYH1102BT10 Datasheet(PDF) 9 Page - Marktech Corporate

Part # TLYH1102BT10
Description  Panel Circuit Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYH1102BT10 Datasheet(HTML) 9 Page - Marktech Corporate

Back Button TLYH1102BT10 Datasheet HTML 5Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 6Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 7Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 8Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 9Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 10Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 11Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 12Page - Marktech Corporate TLYH1102BT10 Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
9
Packaging
These LED devices are packed in an aluminum envelope with silica gel and a moisture indicator to prevent
moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air
before soldering and they should therefore be stored under the following conditions:
1. This moisture-proof bag may be stored unopened for up to 12 months under the following conditions.
Temperature: 5
°C~30°C
Humidity: 90% (max)
2. After the moisture-proof bag has been opened, the devices should be assembled within 168 hours in an
environment of 5°C to 30°C/60% RH or below.
3. If, upon opening, the moisture indicator card shows humidity of 30% or above (when the indication color
changes to pink) or the expiration date has passed, the devices should be baked while packed in the tape reel.
After baking, use the baked devices within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 12 to 24 hours.
Expiration date: 12 months from the sealing date, which is imprinted on the same side as this label.
4. Repeated baking can cause the peeling strength of the tape to change, leading to trouble in mounting. Also, be
sure to prevent damage to the device from static electricity during the baking process.
5. Any breakage in the laminate packing material will cause the hermeticity of the product to deteriorate. Do
not toss or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering
• The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of
opening the package.
• Second reflow soldering
In case of second reflow soldering should be performed within 168 h of the first reflow under the above
conditions.
Storage conditions before the second reflow soldering: 30
°C, 60% RH (max)
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron
: 25 W
Temperature
: 300
°C or less
Time
: within 3 s
• Do not perform wave soldering.
Recommended soldering pattern
1.65
1.15
2.41
Unit: mm
1.65
(*)
60~120 s max
10 s max
240
°C max
4
°C/s max
140~160
°C max
4
°C/s max
Time (s)
Temperature profile (example)
(*)
(*)
(*)
(*)
(*)


Similar Part No. - TLYH1102BT10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYH1102 TOSHIBA-TLYH1102 Datasheet
292Kb / 6P
   SMT LEDs
More results

Similar Description - TLYH1102BT10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com