Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPPC-8151S-IMKE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPPC-8151S-IMKE
Description  15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-8151S-IMKE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-8151S-IMKE Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-8151S-IMKE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel PCs
Features
IPPC-8151S 15"XGATFTLCDCeleron®MFanless
Industrial Panel PC with Stainless Steel
ƒ
ƒ 316Lƒstainlessƒsteelƒandƒfood-safeƒsealingƒmaterials
ƒ
ƒ Robustƒandƒfanlessƒdesignƒforƒreliableƒoperation
ƒ
ƒ Anti-corrosiveƒandƒchemicalƒresistantƒtouchscreen
ƒ
ƒ DesignedƒwithƒNEMA4Xƒ(IP66)ƒdustproofƒandƒwaterproofƒprotection
ƒ
ƒ 15"ƒXGAƒTFTƒLCDƒwithƒchemicalƒresistantƒtouchscreen
ƒ
ƒ SupportsƒIntelƒCeleronƒMƒ1ƒGHz/1ƒMBƒL2ƒprocessorƒwithƒ1ƒGBƒmemory
ƒ
ƒ DualƒGigabitƒEthernetƒportsƒforƒcontrolƒ&ƒmonitoring
ƒ
ƒ SupportsƒrichƒI/OƒandƒPCIƒslots
ƒ
ƒ SupportsƒVESA/panel/stand/desk/wall/ƒandƒceilingƒmountingƒ(optional)
ƒ
ƒ All-aroundƒIP66ƒprotectionƒwithƒenclosureƒkitƒ(optional)
ƒ
ƒ SupportsƒI/OƒconnectorsƒwithƒIP66ƒprotectionƒ(optional)
Introduction
Toƒsatisfyƒtheƒstringentƒstandardsƒrequiredƒinƒfood,ƒbeverage,ƒclinical,ƒchemicalƒorƒpharmaceuticalƒapplications,ƒAdvantechƒoffersƒtheƒIPPC-8151Sƒdesignedƒwithƒ316Lƒstainlessƒsteel,ƒ
food-safeƒsealingƒmaterialsƒandƒanƒanti-corrosiveƒandƒchemicalƒresistantƒtouchscreen.ƒItsƒfanlessƒdesignƒandƒNEMA4X/IP66ƒwaterproofƒandƒdustproofƒprotectionƒcanƒensureƒreliableƒ
operationƒinƒmostƒhazardousƒenvironments.ƒWithƒtheƒoptionalƒenclosureƒkitƒandƒIP66ƒI/Oƒconnectorƒkit,ƒIPPC-8151SƒcanƒprovideƒaƒfullyƒenclosedƒIP66ƒprotectionƒforƒallƒsides.ƒInƒ
additionƒtoƒtheƒstandardƒpanelƒmounting,ƒIPPC-8151SƒcanƒbeƒVESAƒmountedƒwithƒanƒoptionalƒenclosureƒkit.ƒƒAlso,ƒifƒdesk,ƒwallƒorƒceilingƒmountingƒisƒrequired,ƒanƒoptionalƒstandƒkitƒ
canƒbeƒorderedƒalongƒwithƒtheƒenclosureƒkit.
Specifications
General
ƒ
ƒ
BIOSƒ
Awardƒ4MBƒFlashƒBIOS
ƒ
ƒ
Certificationsƒ
UL,ƒCE,ƒFCC,ƒCCC,ƒBSMI
ƒ
ƒ
Enclosure
Fanlessƒwithƒ316Lƒstainlessƒsteel
ƒ
ƒ
Dimensions (W x H x D)ƒ400.00ƒxƒ313.6ƒxƒ90.44ƒmmƒ(15.75"ƒxƒ12.35"ƒxƒ3.55")
ƒ
ƒ
OS Supportƒ
Windowsƒ2000,ƒXPƒProfessionalƒandƒWinXPe
ƒ
ƒ
Power Inputƒ
10ƒ~ƒ30ƒVDC,ƒ18A
ƒ
ƒ
Power Outputƒ
+3.3ƒVƒ@ƒ8ƒA,ƒ+5ƒVƒ@ƒ10ƒA,ƒ-12ƒVƒ@ƒ4ƒA,ƒ
+5ƒVsbƒ@ƒ0.75ƒA,ƒ-12ƒVƒ@ƒ1ƒAƒ
ƒ
ƒ
Power Supplyƒ
85ƒW
ƒ
ƒ
Weight (Gross)
12ƒKgƒ(26.45ƒlbs)
System Hardware
ƒ
ƒ
CPUƒ
IntelƒCeleronƒMƒ1.06GHzƒ1MBƒL2ƒonƒboard
ƒ
ƒ
Chipsetƒ
Intelƒ945GME
ƒ
ƒ
Memoryƒ
1GBƒSO-DIMMƒDDR2ƒ200pinƒ667MHzƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒƒ
(Supportsƒ4GBƒMaximum)
ƒ
ƒ
LANƒ
10/100/1000Base-TƒEthernetƒxƒ2
ƒ
ƒ
Expansionƒ
1ƒxƒhalf-lengthƒPCIƒSlot
ƒ
ƒ
Storageƒ
1ƒxƒCompactFlashƒSlot,ƒ
1ƒxƒSATAƒHDDƒinterfaceƒ(2.5"ƒHDDƒbay)
ƒ
ƒ
I/Osƒ
3ƒxƒRS-232
4ƒxƒUSBƒ2.0ƒ
2ƒxƒPS2ƒ(Keyboard,ƒMouse)ƒ
1ƒxƒVGAƒPortƒ
1ƒxƒParallelƒPortƒ
Mic-in,ƒLine-in,ƒLine-out
LCD Display
ƒ
ƒ
Backlight Lifeƒ
50,000ƒhrs
ƒ
ƒ
Contrast Ratioƒ
400:1
ƒ
ƒ
Display Sizeƒ
15"
ƒ
ƒ
Display Typeƒ
XGAƒTFTƒLCD
ƒ
ƒ
Luminanceƒ
350ƒcd/m2
ƒ
ƒ
Max. Colorsƒ
262,144
ƒ
ƒ
Max. Resolutionƒ
1024ƒxƒ768
ƒ
ƒ
Viewing Angle (H/V°)ƒ 120/100
Touchscreen
ƒ
ƒ
Lifespanƒ
10ƒmillionsƒtimesƒtouchƒatƒsingleƒpoint
ƒ
ƒ
Light Transmissionƒ
>80%
ƒ
ƒ
Typeƒ
Analogƒresistiveƒ5-wire
Environment
ƒ
ƒ
Humidityƒ
5ƒ~ƒ85%ƒ@ƒ40°ƒCƒ(non-condensing)
ƒ
ƒ
Ingress Protectionƒ
Frontƒpanel:ƒNEMAƒ4Xƒ/ƒIP66
ƒ
ƒ
Operating Temperatureƒ 0ƒ~ƒ50°ƒCƒ(32ƒ~ƒ122°ƒF)
ƒ
ƒ
Storage Temperatureƒ -20ƒ~ƒ60°ƒCƒ(-4ƒ~ƒ140°ƒF)ƒ
ƒ
ƒ
Vibration Protectionƒ
5ƒ~ƒ500ƒHz,ƒ1Grmsƒrandomƒvibration
Ordering Information
ƒ
ƒ
IPPC-8151S-R0AE
15"ƒStainlessƒPanelƒPC,ƒCeleronƒM,ƒ1GHz,ƒTS
Accessories
ƒ
ƒ
IPPC-8151S-EMKE
IPPC-8151Sƒall-aroundƒIP66ƒenclosureƒkit
ƒ
ƒ
IPPC-8151S-SMKE
IPPC-8151Sƒkitƒforƒdesk,ƒwallƒandƒceilingƒmounting
ƒ
ƒ
IPPC-8151S-IMKE
IPPC-8151SƒIP66ƒI/Oƒconnectorƒkit
NEW


Similar Part No. - IPPC-8151S-IMKE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC-084D-2R ETC2-IPPC-084D-2R Datasheet
1,018Kb / 2P
   Front 6mm aluminum bezel with IP65 compliant
IPPC-104D-2R ETC2-IPPC-104D-2R Datasheet
316Kb / 2P
   Front 6mm aluminum bezel with IP65 compliant
IPPC-120D-2R ETC2-IPPC-120D-2R Datasheet
950Kb / 2P
   Front 6mm aluminum bezel with IP65 compliant
IPPC-150D-2R ETC2-IPPC-150D-2R Datasheet
1Mb / 2P
   Front 6mm aluminum bezel with IP65 compliant
IPPC-170D-2R ETC2-IPPC-170D-2R Datasheet
776Kb / 2P
   Front 6mm aluminum bezel with IP65 compliant
More results

Similar Description - IPPC-8151S-IMKE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
   15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
SPC-515 ADVANTECH-SPC-515 Datasheet
270Kb / 2P
   15" XGA TFT LED LCD Industrial Multi-Touch Panel PC with Stainless Steel Housing and IP69K Rating
5-Jan-2021
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
   15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
IPPC-6172F ADVANTECH-IPPC-6172F Datasheet
497Kb / 2P
   17 SXGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
logo
Axiomtek Co., Ltd.
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
   12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153PR-24VDC-U-V3-RC AXIOMTEK-P6153PR-24VDC-U-V3-RC Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com