Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5263B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5263B
Description  500mW, 5% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5263B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5263B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5263B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5263B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
MMSZ5221B
2.4
2.28
2.52
20
30
0.25
1200
100
1.0
MMSZ5222B
2.5
2.38
2.63
20
30
0.25
1250
100
1.0
MMSZ5223B
2.7
2.57
2.84
20
30
0.25
1300
75
1.0
MMSZ5224B
2.8
2.66
2.94
20
30
0.25
1400
75
1.0
MMSZ5225B
3.0
2.85
3.15
20
30
0.25
1600
50
1.0
MMSZ5226B
3.3
3.14
3.47
20
28
0.25
1600
25
1.0
MMSZ5227B
3.6
3.42
3.78
20
24
0.25
1700
15
1.0
MMSZ5228B
3.9
3.71
4.10
20
23
0.25
1900
10
1.0
MMSZ5229B
4.3
4.09
4.52
20
22
0.25
2000
5.0
1.0
MMSZ5230B
4.7
4.47
4.94
20
19
0.25
1900
5.0
2.0
MMSZ5231B
5.1
4.85
5.36
20
17
0.25
1600
5.0
2.0
MMSZ5232B
5.6
5.32
5.88
20
11
0.25
1600
5.0
3.0
MMSZ5233B
6.0
5.70
6.30
20
7
0.25
16900
5.0
3.5
MMSZ5234B
6.2
5.89
6.51
20
7
0.25
1000
5.0
4.0
MMSZ5235B
6.8
6.46
7.14
20
5
0.25
750
3.0
5.0
MMSZ5236B
7.5
7.13
7.88
20
6
0.25
500
3.0
6.0
MMSZ5237B
8.2
7.79
8.61
20
8
0.25
500
3.0
6.5
MMSZ5238B
8.7
8.27
9.14
20
8
0.25
600
3.0
6.5
MMSZ5239B
9.1
8.65
9.56
20
10
0.25
600
3.0
7.0
MMSZ5240B
10
9.50
10.50
20
17
0.25
600
3.0
8.0
MMSZ5241B
11
10.45
11.55
20
22
0.25
600
2.0
8.4
MMSZ5242B
12
11.40
12.60
20
30
0.25
600
1.0
9.1
MMSZ5243B
13
12.35
13.65
9.5
13
0.25
600
0.5
9.9
MMSZ5244B
14
13.30
14.70
9.0
15
0.25
600
0.1
10.0
MMSZ5245B
15
14.25
15.75
8.5
16
0.25
600
0.1
11
MMSZ5246B
16
15.20
16.80
7.8
17
0.25
600
0.1
12
MMSZ5247B
17
16.15
17.85
7.4
19
0.25
600
0.1
13
MMSZ5248B
18
17.10
18.90
7.0
21
0.25
600
0.1
14
MMSZ5249B
19
18.05
19.95
6.6
23
0.25
600
0.1
14
MMSZ5250B
20
19.00
21.00
6.2
25
0.25
600
0.1
15
MMSZ5251B
22
20.90
23.10
5.6
29
0.25
600
0.1
17
MMSZ5252B
24
22.80
25.20
5.2
33
0.25
600
0.1
18
MMSZ5253B
25
23.75
26.25
5.0
35
0.25
600
0.1
19
MMSZ5254B
27
25.65
28.35
5.0
41
0.25
600
0.1
21
MMSZ5255B
28
26.60
29.40
4.5
44
0.25
600
0.1
21
MMSZ5256B
30
28.50
31.50
4.2
49
0.25
600
0.1
23
MMSZ5257B
33
31.35
34.65
3.8
58
0.25
700
0.1
25
MMSZ5258B
36
34.20
37.80
3.4
70
0.25
700
0.1
27
MMSZ5259B
39
37.05
40.95
3.2
80
0.25
800
0.1
30
MMSZ5260B
43
40.85
45.15
3.0
93
0.25
900
0.1
33
MMSZ5261B
47
44.65
49.35
2.7
105
0.25
1000
0.1
36
MMSZ5262B
51
48.45
53.55
2.5
125
0.25
1100
0.1
39
MMSZ5263B
56
53.20
58.80
2.2
150
0.25
1300
0.1
43
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 1ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
Part Number
ZZT @ IZT(Ω)
Max
Version : B09


Similar Part No. - MMSZ5263B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5263B DIOTEC-MMSZ5263B Datasheet
54Kb / 2P
   Surface mount Zener Diodes
logo
Formosa MS
MMSZ5263B FORMOSA-MMSZ5263B Datasheet
77Kb / 9P
   SMD Zener Diode
logo
Weitron Technology
MMSZ5263B WEITRON-MMSZ5263B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
MMSZ5263B FOSHAN-MMSZ5263B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Diotec Semiconductor
MMSZ5263B DIOTEC-MMSZ5263B Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - MMSZ5263B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com