Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYH1102B Datasheet(PDF) 5 Page - Marktech Corporate

Part # TLYH1102B
Description  Panel Circuit Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYH1102B Datasheet(HTML) 5 Page - Marktech Corporate

  TLYH1102B Datasheet HTML 1Page - Marktech Corporate TLYH1102B Datasheet HTML 2Page - Marktech Corporate TLYH1102B Datasheet HTML 3Page - Marktech Corporate TLYH1102B Datasheet HTML 4Page - Marktech Corporate TLYH1102B Datasheet HTML 5Page - Marktech Corporate TLYH1102B Datasheet HTML 6Page - Marktech Corporate TLYH1102B Datasheet HTML 7Page - Marktech Corporate TLYH1102B Datasheet HTML 8Page - Marktech Corporate TLYH1102B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
5
TLRMH1102B
Ta = 25°C
Radiation pattern
Forward voltage VF
(V)
IF – VF
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
0
580
620
640
660
700
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
600
680
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
50
2000
1
50
1000
300
100
3
5
10
30
100
500
Ta
= 25°C
0.1
0.5
3
0.3
−20
0
20
40
60
80
1
1
1.6
1.8
2.0
2.2
2.4
10
100
30
3
Forward current IF
(mA)
Wavelength characteristic
(typ.)
(typ.)
(typ.)
(typ.)
(typ.)


Similar Part No. - TLYH1102B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYH1102 TOSHIBA-TLYH1102 Datasheet
292Kb / 6P
   SMT LEDs
More results

Similar Description - TLYH1102B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com