Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ3V9 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ3V9
Description  500mW Hermetically Sealed Glass Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ3V9 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MTZJ3V9 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ3V9 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ3V9 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ3V9 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ3V9 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
MTZJ SERIES
500mW Hermetically Sealed Glass
Zener Diodes
DO-34
Features
Zener voltage range 2.0 to 39 volts
DO-34 package (JEDEC DO-204)
Through-hole device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant
and leads are readily solderable
RoHS compliant
Solder hot dip Tin (Sn) lead finish
Cathode indicated by polarity band
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation
Pd
500
mW
Lead temperature (1/16” from case for 10
seconds)
Lt
230
OC
Operating Junction Temperature
TJ
+ 175
OC
Storage Temperature Range
TSTG
-65 to + 200
OC
Version: A07


Similar Part No. - MTZJ3V9

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MTZJ3V9 YEASHIN-MTZJ3V9 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ3V9 TSC-MTZJ3V9 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZJ3V9A SEMTECH_ELEC-MTZJ3V9A Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ3V9B SEMTECH_ELEC-MTZJ3V9B Datasheet
261Kb / 4P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ3V9S TSC-MTZJ3V9S Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
More results

Similar Description - MTZJ3V9

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com