Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWG12800 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SWG12800
Description  GEL Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SWG12800 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SWG12800 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
4
2
1
9.0
8.4
7.8
9.6
10.2
10.8
11.4
12.0
12.6
13.2
13.8
10
(Min)
6 8
40
20
60
(h)
4
2
6
10
8
20 40
73.6A
155A
14.7A
7.36A
4A
36.8A
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
12V
80 Ah
211 mm (8.30 inches)
260 mm (10.2 inches)
169mm (6.65 inches)
26Kg (57.4 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(4.00 A)
10 hour rate(7.36 A)
5 hour rate(11.8 A)
1 hour rate(44.1 A)
80.0 AH
73.6 AH
59.0 AH
44.1 AH
Full charged Battery at 25 (77 )
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T16
T16
T33
T33
Initial Charging Current less than 29.4 A
Voltage 14.10-14.40V
Voltage 13.50-13.80V
SWG12800(12V80AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
216 mm (8.50 inches)
229 mm (9.02 inches)
Terminal Type (mm)
14
M6
16
M6
BOLT&NUT
9
3
25
T33
T16
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
10.20V
10.50V
10.80V
11.10V
9.60V
260
260
194
194
1
1
1
1
Approx
10.0 m
Curves of cycle life(25 )
20
40
60
80
100
120
100%DOD
50%DOD
30%DOD
0
200
400
600
800
1000
1200
1400
Number of cycles(cycles)
1600
Idis=0.17C
5h
Ich=0.10C 10h
Idis=0.17C
2.5h
Ich=0.10C
5.0h
Idis=0.17C
1.5h
Ich=0.10C
3.0h


Similar Part No. - SWG12800

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWG12850 SUNNYWAY-SWG12850 Datasheet
446Kb / 1P
   GEL Battery
More results

Similar Description - SWG12800

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWG121200 SUNNYWAY-SWG121200 Datasheet
452Kb / 1P
   GEL Battery
SWG12700 SUNNYWAY-SWG12700 Datasheet
443Kb / 1P
   GEL Battery
SWG210000 SUNNYWAY-SWG210000 Datasheet
437Kb / 1P
   GEL Battery
SWG25000 SUNNYWAY-SWG25000 Datasheet
364Kb / 1P
   GEL Battery
SWG121800 SUNNYWAY-SWG121800 Datasheet
457Kb / 1P
   GEL Battery
SWG12650 SUNNYWAY-SWG12650 Datasheet
478Kb / 1P
   GEL Battery
SWG12850 SUNNYWAY-SWG12850 Datasheet
446Kb / 1P
   GEL Battery
SWG121000 SUNNYWAY-SWG121000 Datasheet
493Kb / 1P
   GEL Battery
SWG121600 SUNNYWAY-SWG121600 Datasheet
448Kb / 1P
   GEL Battery
SWG122000 SUNNYWAY-SWG122000 Datasheet
429Kb / 1P
   GEL Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com