Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPM-3120G Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3120G
Description  12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3120G Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3120G Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3120G Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-3120G
Specifications
General
Button Controls
OSD (Onscreen Display) control pad on front panel
Certification
BSMI, CCC, CE, FCC
Dimension (W x H x D) 312 x 244 x 44.6 mm (12.28" x 9.61" x 1.76")
Enclosure
Front panel: Aluminum with hard anodic coating
Rear cover: Stainless steel chassis
Mounting
Panel, VESA arm, or wall & desktop mount with
optional mounting kit
Power Input
External 42 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 3.5 A output
Video Port
VGA
Weight (Net)
4.07 kg (8.975 lbs)
LCD Display
Display Type
SVGA TFT LCD/XGA
Display Size
12.1"
Max. Resolution
800 x 600/1024 x 768
Max. Color
262 K
Viewing Angle (H/V°)
140/120, 100/120
Luminance (cd/m2)
350
Backlight Life (hrs)
50,000
Contrast Ratio
200 : 1/350 : 1
12.1" SVGA TFT LCD with resolution up to 800 x 600
Robust design with stainless steel chassis and aluminum front panel
Anti-reflective screen with tempered glass
Supports stainless steel front panel (optional)
OSD control pad on front panel
Supports industrial 24-48 VDC power input (optional)
Supports tranflective LCD technology (optional)
Supports panel, wall, desktop, rack or VESA arm mounting
Front panel is NEMA4/IP65 compliant
Introduction
FPM-3120G is 12-inch color TFT LCD flat panel monitor specially designed for industrial or public applications with limited installation space. With a new industrial design, mounting
is extremely easy and fits most environments perfectly. The FPM-3120G features Direct-VGA signal transmissions to allow a regular VGA control card to be used in your system.
Users can thus upgrade the display without making changes to the existing system. Its onscreen display function lets users adjust the image easily. The whole chassis is stainless
steel and the front panel is made of aluminum with NEMA4/IP65 compliance.
Touchscreen (Optional)
Sensor
AMT
Driver
Penmount 9000 (RS-232)
Penmount 5000 (USB)
Type
8-wire Resistive
Interface
RS-232
Lifespan
10 million with a silicone rubber of R8 finger, writing
rate is by 250g at 2 times/s
Light Transmission
> 80%
OS Support
Windows® 2000/XP/CE/Vista, Linux
Power Consumption
+5 V @ 100 mA
Touch Resolution
Linearity
Environment
Operation Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Humidity (Storage)
10 ~ 95% non-condensing
Waterproof
Front panel is NEMA4/IP65 compliant
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
FPM-3120G-XAE
12.1" SVGA Ind. Monitor
FPM-3120G-RAE
12.1" SVGA Ind. Monitor w/Resistive TS (RS-232)
FPM-3121G-XAE
12.1" XGA Ind. Monitor
FPM-3121G-RAE
12.1" XGA Ind. Monitor w/Resistive TS (RS-232)
PWR-246E
DC to DC Converter w/24-48 VDC Power Input
12.1" SVGA Industrial Monitor with Resistive
Touchscreen and Direct-VGA Port


Similar Part No. - FPM-3120G

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3121G ADVANTECH-FPM-3121G Datasheet
379Kb / 2P
   12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3121G-R3AE ADVANTECH-FPM-3121G-R3AE Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3121G-R3BE ADVANTECH-FPM-3121G-R3BE Datasheet
379Kb / 2P
   12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3121G-X0AE ADVANTECH-FPM-3121G-X0AE Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
More results

Similar Description - FPM-3120G

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2120G ADVANTECH-FPM-2120G_15 Datasheet
356Kb / 2P
   12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2120G ADVANTECH-FPM-2120G Datasheet
275Kb / 2P
   12'SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
   6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
   15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
   17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
   17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
   17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com