Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO566PPG4-70G-MT Datasheet(PDF) 3 Page - Marktech Corporate

Part # LO566PPG4-70G-MT
Description  SPECIFICATION FOR COTCO LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO566PPG4-70G-MT Datasheet(HTML) 3 Page - Marktech Corporate

  LO566PPG4-70G-MT Datasheet HTML 1Page - Marktech Corporate LO566PPG4-70G-MT Datasheet HTML 2Page - Marktech Corporate LO566PPG4-70G-MT Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
COTCO-D-074
REV.1
Model No.
LO566PPG4-70G-MT
Doc. No.
A 01Jul03
G
Grra
ap
ph
hs
s
I (RELATIVE LUMINOUS INTENSITY)
FIG.2 REVERSE CURRENT VS.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
800
Ir(uA)
Domi WL= 525nm
FORWARD CURRENT.
20
AMBIENT TEMPERATURE (Tjmax=95 C)
R
θj-a=460 C/W
FIG.5 MAXIMUM FORWARD DC CURRENT VS
0
0.0
10
20.0 40.0 60.0
80.0
Ta( C)
100.0
FIG.6 FAR FIELD PATTERN
-30
-90
-60
0
30
60
R
θj-pin=240 C/W
IF(mA)
40
30
50
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
2.0
0.0
0.0
1.0
20.0 40.0
3.0
4.0
5.0
60.0
80.0
If(mA)
100.0
WAVELENGTH.
50% Power Angle :
H-H
V-V
0
H-H : 65
50%
0%
300
25%
75%
100%
600
400
500
700
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
0.0
3.2
20.0
40.0
3.6
4.0
4.4
4.8
Vf(V)
5.2
If (mA)
80.0
60.0
100.0
Half Power
WL=38nm
REVERSE VOLTAGE.
-40
-50
Vr(V)
-30
-10
-20
20%
20%
0%
0%
90
60%
60%
40%
40%
100%
100%
80%
80%
Ie(%)
WL(nm)
WL(nm)
-50.0
-40.0
-30.0
0
-10.0
-20.0
0.0
V-V : 45
1. Cathode PAD Area (0.18
x 0.18inch
2)
2. Height above nominal seating plane in inches(0.3inch)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2003/7/01
DOC. No.
CHANGE DESCRIPTION
Checked by
ZouGR
2003/7/01
Approved by
David
2003/7/01
ECN#
ECN-H20030213
Data is subject to change without prior notice.
Copyright@2002 Cotco International Ltd.
Obsoletes Doc: ---


Similar Part No. - LO566PPG4-70G-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LO566PPG4-70G-A MARKTECH-LO566PPG4-70G-A Datasheet
349Kb / 2P
   Ultra Bright Green Elliptical LED
More results

Similar Description - LO566PPG4-70G-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com