Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIE-406L3U Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIE-406L3U
Description  GaAlAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-406L3U Datasheet(HTML) 1 Page - Unity Opto Technology

  MIE-406L3U Datasheet HTML 1Page - Unity Opto Technology MIE-406L3U Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAlAs HIGH POWER TO-46 PACKAGE
INFRARED EMITTING DIODE
MIE-406L3U
Description
Package Dimensions
Features
l
Standard TO-46 package
l
Peak wavelength
λ
p = 880 nm
l
Good spectral matching to si-photodetector
l
Radiant angle : 25°
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current(300pps,10
µs pulse)
1
A
Continuos Forward Current
100
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
11/18/2000
Unity Opto Technology Co., Ltd.
Unit : mm (inches )
The MIE-406L3U is an infrared emitting diode
with GaAlAs / GaAlAs die technology molded in a
pastel blue transparent plastic package.
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
5.46
(.215)
.50 TYP.
(.020)
2.54
(.100)
.70
(.028)
5.60
(.221)
φ4.75
(.187)
1.00 MIN
(.040)
.25 MAX
(.059 )
CATHODE
INDICATOR
45°
25.00 MIN
(.984)
A
C


Similar Part No. - MIE-406L3U

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-406A2U UOT-MIE-406A2U Datasheet
32Kb / 2P
   AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
MIE-406A4U UOT-MIE-406A4U Datasheet
32Kb / 2P
   AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
More results

Similar Description - MIE-406L3U

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-404L3 UOT-MIE-404L3 Datasheet
34Kb / 2P
   GaAlAs HIGH POWER T0-46 PACKAGE INFRARED EMITTING DIODE
MIE-406A4U UOT-MIE-406A4U Datasheet
32Kb / 2P
   AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
MIE-406A2U UOT-MIE-406A2U Datasheet
32Kb / 2P
   AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
logo
Vishay Siliconix
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
   GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 1.4, 08-Mar-05
logo
Unity Opto Technology
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
   GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-144H4 UOT-MIE-144H4 Datasheet
31Kb / 2P
   GaAlAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-184A4 UOT-MIE-184A4 Datasheet
32Kb / 2P
   GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
   GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
KODENSHI_AUK CORP.
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
   Infrared Emitting Diode(GaAlAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com