Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVS-5120-945G-16HK Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DVS-5120-945G-16HK
Description  Industrial Robust & Compact Desktop/ Wallmount PC based DVR with Front Accessible I/O
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVS-5120-945G-16HK Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DVS-5120-945G-16HK Datasheet HTML 1Page - Advantech Co., Ltd. DVS-5120-945G-16HK Datasheet HTML 2Page - Advantech Co., Ltd. DVS-5120-945G-16HK Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimension
Installation
Unit: mm (inch)
164 [6.5"]
316.5 [12.5"]
334.6 [13.2"]
349.4 [13.8"]
6-
5.2
8-
10
8-
5.2
178.6 [7.0"]
193.4 [7.6"]
DVS-5120
Configure to Order Services
Please visit Advantech CTOS portal for order entry
http://www.advantech.com.tw/CTOS
System Content
Item
Description
Chassis
Wallmount solution
Motherboard
Intel 945G Micro ATX Main board
Power system
300 W ATX
CPU Cooler
Suitable 95 W LGA775 UP to Intel Core 2 Duo 2.4 GHz thermal
design
The front view of DVS-5120
Front View
Inside View
Power switch
HDD LED
5.25 optical
driver
Reset switch
Power LED
10-CFM
cooling fan
1U 300W ATX
power supply
MicroATX motherboard
Up to four half-sized add-on cards
Plug ring-lock securely
fastens the power cord
Solid disk drive housing &
easy-to-maintain fan filter
User-friendly mechanical desing
for installing an add-on card
Shock-resistant drive bay for
holding an internal 3.5" HDD


Similar Part No. - DVS-5120-945G-16HK

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-510 ADVANTECH-DVS-510 Datasheet
353Kb / 2P
   1U Compact Size Digital Video Platform
DVS-510-35IKE ADVANTECH-DVS-510-35IKE Datasheet
353Kb / 2P
   1U Compact Size Digital Video Platform
More results

Similar Description - DVS-5120-945G-16HK

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4W5120-2U01 ADVANTECH-SYS-4W5120-2U01 Datasheet
262Kb / 2P
   Ultra Compact Micro ATX System with Front Accessible I/O
IPC-5120 ADVANTECH-IPC-5120 Datasheet
1Mb / 2P
   Compact Desktop/Wallmount Chassis with Front I/O Interfaces & Expansion Slots for MicroATX Motherboard
SYS-4W5120-6U01 ADVANTECH-SYS-4W5120-6U01 Datasheet
470Kb / 2P
   Ultra Compact & Lower Power MicroATX System with Front-Accessible I/O
IPC-7143 ADVANTECH-IPC-7143 Datasheet
294Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard with 2 SATA HDD Trays & Bottom-accessible I/O
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
1-Jun-2020
SYS-4W5120-4U01 ADVANTECH-SYS-4W5120-4U01 Datasheet
513Kb / 2P
   Compact Intel짰 Core??2 Duo MicroATX System with Front-Accessible I/O
ARK-6620-6M02E ADVANTECH-ARK-6620-6M02E Datasheet
628Kb / 2P
   Compact Intel짰 Core??2 Duo Mini-ITX System with Front Accessible I/O
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com