Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC503AHR2-30Q-A-MT Datasheet(PDF) 3 Page - Marktech Corporate

Part # LC503AHR2-30Q-A-MT
Description  SPECIFICATION FOR COTCO LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503AHR2-30Q-A-MT Datasheet(HTML) 3 Page - Marktech Corporate

  LC503AHR2-30Q-A-MT Datasheet HTML 1Page - Marktech Corporate LC503AHR2-30Q-A-MT Datasheet HTML 2Page - Marktech Corporate LC503AHR2-30Q-A-MT Datasheet HTML 3Page - Marktech Corporate LC503AHR2-30Q-A-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Format #: COTCO-D-074
REV.4
Document No.
SPE/LC503AHR2-30Q-A-MT
Rev. No.
03
Standard bins for LC503AHR2-30Q-A-MT (IF = 20mA):
Lamps are sorted to Luminous Intensity –IV , VF & Dominant Wavelength –
λ
D bins shown.
Orders for LC503AHR2-30Q-A-MT may be filled with any or all bins contained as below.
All Luminous Intensity –IV , VF & Dominant Wavelength –
λ
D values shown and specified are at If=20mA.
4
41
18
80
0m
mc
cd
d
3000mcd
W
2130mcd
V
6
61
18
8n
nm
m
6
63
30
0n
nm
m
* V+ indicates Luminous Intensity is at V bin or above.
Forward Voltage (VF)
Rank
V1
V2
V3
V4
V5
Voltage
1.6-1.8 V
1.8-2.0 V
2.0-2.2 V
2.2-2.4 V
2.4-2.6 V
* V+
Dominant Wavelength (
λ
D)
*Majority VF bins are highlighted in Yellow.
IIm
mp
po
orrtta
an
ntt N
No
otte
es
s::
1) All ranks will be included per delivery, rank ratio will be based on the Dices distribution.
2) Pb content <1000PPM.
3) Tolerance of measurement of luminous intensity is
±15%.
4) Tolerance of measurement of dominant wavelength is
±1nm.
5) Tolerance of measurement of Vf is
±0.05 V.
6) Packaging methods are available for selection, Please refer to PACKAGING STANDARD.
7) Please refer to LED LAMP RELIABILITY TEST STANDARD for reliability test conditions.
8) Please refer to APPLICATION NOTES for Application.


Similar Part No. - LC503AHR2-30Q-A-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503AHR2-30Q-A MARKTECH-LC503AHR2-30Q-A Datasheet
341Kb / 2P
   Ultra Bright Red 5mm LED
More results

Similar Description - LC503AHR2-30Q-A-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com