Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVS-355-SU25E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DVS-355-SU25E
Description  Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVS-355-SU25E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DVS-355-SU25E Datasheet HTML 1Page - Advantech Co., Ltd. DVS-355-SU25E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-20
Features
DVS-355Z
Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
Introduction
RoHS
COMPLIANT
2002/95/EC
The DVS-355Z is an industrial grade Duo Core embedded computer. It is designed for installation in mission-critical environments with its fanless,
anti-vibration,anti-shock design. A wide power range of 9 to 30V DC and optional vehicle power management module can protect the system from
power surges while used on vehicles. The cardbus, Mini PCI and IDE CF make the DVS-355Z the ideal platform to integrate with communication
modules like WLAN, GPS, GPRS or CDMA. These features combined with USB, COM, TV-out, DVI, make the DVS-355Z the best solution for in-ve-
hicle applications, like fleet management, GIS, device control, digital signage and digital vehicle recorders.
Specifications
Processor & System
CPU
Intel Core Duo U2500 Mobile Processor
Chipset
Intel 945GM / ICH7M-DH
L2 Cache
2M
BIOS
AWARD 4M bit BIOS
Front Side Bus
667 MHz
Memory
Technology
Dual channel DDR2 533/667
Max. Capacity
2 GB
Socket
2 x 200-pin SODIMM
Graphic
Chipset
Intel Graphics Media Accelerator 950
Memory Size
Shared system memory up to 224 MB
Resolution
Up to 2048 x 1536 at 75 Hz
Ethernet
Interface
Gigabit LAN Controller
Controller
Marvell® 88E8053
Connector
2 x RJ-45
WLAN (Optional)
802.11b/g (upon request)
Storage
IDE-0
2.5" HDD Tray
IDE-1
Compact Flash socket for type I/II
I/O Interface
DVI
1 (DVI - I connector , digital signal output only)
VGA
1 (D-sub 15-pin)
LAN
Dual Gigabit LAN (RJ-45)
USB
4 (USB 2.0 compliant, 480Mbps)
Audio
AC97 - Line-out, Mic-in, Line-in
Serial
COM1 – RS232, COM2 – RS-232
PS/2
1 (For keyboard and mouse with Y cable)
CarBus
1 x slot
Mini-PCI
1 (For Integrated WLAN module)
TV out
S-video and Composite video
Power Requirement
Management
APM 1.2, ACPI supported
Power Consumption
Average 15 W, Maximum 49 W
Input Voltage
9 ~ 30 V
DC, Typical 9 VDC @ 5.4 A, 19 VDC @ 2.9 A
Others
Support Boot on Power failure and schedule boot up function
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1 ~ 255 sec.
Physical Characteristics
Mounting
Din-Rail mounting and desk / wall mounting
Dimensions (W x H x D)
232 x 65 x 138.4 (9.1" x 2.5" x 5.4")
Weight
2.3 kg
Environment
Temperature
-10 ~ 45° C, Operating
Temperature (with industrial grade components)
-15 ~ 55° C, Operating
Relative Humidity
95% @ 40° C (non-condensing), Operating
Vibration Resistance
1 Grms, IEC 60068-2-64, Random, 5-500 Hz, 1 Oct/min, 1hr/axis
Shock Resistance
40G, IEC 60068-2-27,half sine,11 ms , Operating
Software Development Kit
Operation System
Supports Microsoft Windows XP with SP2, XP embedded and Win2000 with SP4.
Demo Program
Complete demo program with VC++ sample code for reference
Fanless design within sealed construction
Support Intel® Core™ Duo Mobile Processor
Rugged enclosure and easy mounting design for diversified integra-
tion needs
Anti-vibration, anti-shock design to ensure maximum reliability
Wide power source (9-30V DC)
CardBus interface for optional mobile communication module
All in one main board design


Similar Part No. - DVS-355-SU25E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-355-SU25E ADVANTECH-DVS-355-SU25E Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
More results

Similar Description - DVS-355-SU25E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
DSA-3400 ADVANTECH-DSA-3400 Datasheet
443Kb / 2P
   Network Digital Signage Platform with Intel Core??2 Duo Mobile Processor
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
Advantech Co., Ltd.
DVS-350Z ADVANTECH-DVS-350Z Datasheet
184Kb / 2P
   Rugged Vehicle/Embedded Platform with 2.5 HDD
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
AAEON Technology
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9658T AAEON-EMB-9658T Datasheet
324Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Celeron M (Socket-P Based) Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com