Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVMB-764 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DVMB-764
Description  16 CH D1 480 FPS MPEG4 Hardware Encoding ATX Main Board with Intel짰 Q965 Platform
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVMB-764 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DVMB-764 Datasheet HTML 1Page - Advantech Co., Ltd. DVMB-764 Datasheet HTML 2Page - Advantech Co., Ltd. DVMB-764 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction
Application
Stories
ProductSelection
Guide
Datasheets
Appendix-Software
DigitalVideoMotherboards
VideoCaptureCards
DigitalVideoSystemPlatforms
VideoGateways
FullDVRSystems
Online information I www.advantech.com/products 4-2
DVMB-764
I/O Interface
VGA
1
USB
Max. 10 (USB 2.0 compliant), 4 ports at back panel
Audio
MIC In, Line In, Line Out
Serial
2
Parallel
1 (SPP/EPP/ECP)
FDD
1
PS/2
1 (with Y cable)
Watchdog Timer & CPLD
Hardware WDT & software protection function lets customer insert specific key for software protection
Power Requirement
Typical
Intel Core 2 Due 2.13 GHz and four 1 GB DDR2 667Mhz SDRAM memory modules
+12 V
+5 V
+3.3 V
5 Vsb
-5 V
-12 V
10.36 A
3.95 A
4.5 A
1.2 A
12 mA
36 mA
Environment
Temperature
Operating
Non-Operating
0-55° C (32 ~ 131° F), depends on CPU’s speed and cooler
solution
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions (W x D)
304.8 x 244 mm (12" x 9.6")
Specifications
Block Diagram
16 Channels
Video / Audio
Analog to
Digital
Video / Audio in 1
Video / Audio in 2
Video / Audio in 16
16 Channels
MPEG4 HW
Codec engine
1 x Smart Quad Analog
TV output (with OSD)
16 x D1 Video / Audio
MPEG4 stream
1 – 16 channels full motion
live preview+ Playback to PCI
PCI
16 x Video / Audio
decoding stream
* DVMB-764 support dual stream used for encoding, networking or video analysis
*16 x D1 Video
MJPEG stream
Video
Process System
Main Clock
14.318 MHz
Intel Pentium processor/
Prescott, SmithField Cendar
Mill ,Presler LGA775
ICS9LP505-2
BROADWATER
DDR2 533/667/800
DDR2 533/667/800
ICH8
VRD 11.0 on Board
HOST BUS
MEMORY
GMCH
96 MHz
33MHz
48MHz
200/266 MHz
100 MHz
166/200/266MHz
100MHz
100MHz
32.768KHz
48MHz
33MHz
14.318MHz
100MHz
14.318MHz
33MHz
32.768KHz
100MHz
166/200/266MHz
100MHz
INTEL
31 X 31 mm 652 mBGA
INTEL
31 X 31 mm 1226 FC-BGA
INTEGRATED VGA HEADER
PCI Express X16 SLOT
Channel A
SPI BUS
480Mb/s
AZALIA LINK
PCIEx by 1 interface
SATA BUS
5 PCIEX1 Port
400MHz
PCI _E BUS
Channel B
1.5V & STANDBY
REGULATOR
24MHz
10 ports
High-Speed USB
SATA II -0
PCI SLOT 1
1st Codec
ITE8212F
SUPER I/O
Winbond
Thermal
Sensor
PCI IDE
SATA II -2
SATA II -1
W83627DHG-A
ADI 1988A
AUDIO CODEC
PCI BUS
33MHz
33MHz
33MHz
33MHz
33MHz
33MHz
PCI Express X4
PCIEx1 port1-4
LPC BUS
SATA II -3
INTEL
PCIEX Interface
Giga:82566
2nd Lan Controller
Marvell 88E8053
SST25VF016B
SPI 8MB
SATA II -4
SATA II -5
PCI Bus
Arbitrator
2nd Codec
3rd Codec
4th Codec
MS1
MREQ1,MGNT1
REQ0,GNT0
MREQ2,MGNT2
MREQ3,MGNT3
REQ3,GNT3
REQ1,GNT1
REQ2,GNT2


Similar Part No. - DVMB-764

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVMB-554E ADVANTECH-DVMB-554E Datasheet
326Kb / 2P
   Intel짰 Core??2 Duo Based Digital Video Main Board with 4 Channel Video Input
More results

Similar Description - DVMB-764

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5530 ETC2-S5530 Datasheet
745Kb / 2P
   SINGLE-SOCKET ATX SERVER PLATFORM
logo
GSR Technology Ltd
DL631-C226 GSR-DL631-C226 Datasheet
733Kb / 2P
   4th Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
logo
List of Unclassifed Man...
S5532 ETC2-S5532 Datasheet
782Kb / 2P
   SINGLE SOCKET ATX SERVER/ PLATFORM
logo
Advantech Co., Ltd.
PCLD-785 ADVANTECH-PCLD-785 Datasheet
522Kb / 1P
   16-ch Relay Board
logo
Protech Systems Co., Lt...
PMB-601LF PROTECHSYSTEMS-PMB-601LF Datasheet
387Kb / 2P
   Intel Q965 ATX Motherboard Supports Intel Core 2 Duo Processors
logo
List of Unclassifed Man...
S5512 ETC2-S5512 Datasheet
797Kb / 2P
   SINGLE-SOCKET ATX SERVER / WORKSTATION PLATFORM
logo
Advantech Co., Ltd.
MIC-1810 ADVANTECH-MIC-1810 Datasheet
596Kb / 1P
   12-Bit, 500 KS/s, 12-Ch DAQ Platform with Intel짰 Core??i3*/Celeron짰 Processer
23-Mar-2021
logo
List of Unclassifed Man...
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
logo
Advantech Co., Ltd.
ECU-1710A ADVANTECH-ECU-1710A_15 Datasheet
165Kb / 1P
   Intel짰 Atom??D510 Controller with 16-ch AI, 4-ch AO and 32-ch Isolated DI/O
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com