Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C43 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55C43
Description  500mW, 5% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55C43 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT55C43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55C43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55C43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT55C2V4-BZT55C75
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.0V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
BZT55C2V4
2.4
2.28
2.52
5
85
1
600
50
1
BZT55C2V7
2.7
2.57
2.84
5
85
1
600
10
1
BZT55C3V0
3.0
2.85
3.15
5
85
1
600
4
1
BZT55C3V3
3.3
3.14
3.47
5
85
1
600
2
1
BZT55C3V6
3.6
3.42
3.78
5
85
1
600
2
1
BZT55C3V9
3.9
3.71
4.10
5
85
1
600
2
1
BZT55C4V3
4.3
4.09
4.52
5
75
1
600
1
1
BZT55C4V7
4.7
4.47
4.94
5
60
1
600
0.5
1
BZT55C5V1
5.1
4.85
5.36
5
35
1
550
0.1
1
BZT55C5V6
5.6
5.32
5.88
5
25
1
450
0.1
1
BZT55C6V2
6.2
5.89
6.51
5
10
1
200
0.1
2
BZT55C6V8
6.8
6.46
7.14
5
8
1
150
0.1
3
BZT55C7V5
7.5
7.13
7.88
5
7
1
50
0.1
5
BZT55C8V2
8.2
7.79
8.61
5
7
1
50
0.1
6.2
BZT55C9V1
9.1
8.65
9.56
5
10
1
50
0.1
6.8
BZT55C10
10
9.50
10.50
5
15
1
70
0.1
7.5
BZT55C11
11
10.45
11.55
5
20
1
70
0.1
8.2
BZT55C12
12
11.40
12.60
5
20
1
90
0.1
9.1
BZT55C13
13
12.35
13.65
5
26
1
110
0.1
10
BZT55C15
15
14.25
15.75
5
30
1
110
0.1
11
BZT55C16
16
15.20
16.80
5
40
1
170
0.1
12
BZT55C18
18
17.10
18.90
5
50
1
170
0.1
13
BZT55C20
20
19.00
21.00
5
55
1
220
0.1
15
BZT55C22
22
20.90
23.10
5
55
1
220
0.1
16
BZT55C24
24
22.80
25.20
5
80
1
220
0.1
18
BZT55C27
27
25.65
28.35
5
80
1
220
0.1
20
BZT55C30
30
28.50
31.50
5
80
1
220
0.1
22
BZT55C33
33
31.35
34.65
5
80
1
220
0.1
24
BZT55C36
36
34.20
37.80
5
80
1
220
0.1
27
BZT55C39
39
37.05
40.95
2.5
90
0.5
500
0.1
28
BZT55C43
43
40.85
45.15
2.5
90
0.5
600
0.1
32
BZT55C47
47
44.65
49.35
2.5
110
0.5
700
0.1
35
BZT55C51
51
48.45
53.55
2.5
125
0.5
700
0.1
38
BZT55C56
56
53.20
58.80
2.5
135
0.5
1000
0.1
42
BZT55C62
62
58.90
65.10
2.5
150
0.5
1000
0.1
47
BZT55C68
68
64.60
71.40
2.5
160
0.5
1000
0.1
51
BZT55C75
75
71.25
78.75
2.5
170
0.5
1000
0.1
56
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
ZZT @ IZT(Ω)
Max
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
Part Number
Version : D09


Similar Part No. - BZT55C43

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C43 TEMIC-BZT55C43 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C43 VISHAY-BZT55C43 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C43 TSC-BZT55C43 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C43 VISHAY-BZT55C43 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C43 SEMTECH_ELEC-BZT55C43 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - BZT55C43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com