Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C43S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C43S
Description  200mW, 5% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C43S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZT52C43S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C43S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C43S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZT52C2V4S-BZT52C75S
200mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0
1
10
100
01
23
45
67
89
10
11
12
Ta=25°C
FIG 3 Zener Breakdown Characteristics
0
0
1
10
100
15
25
35
45
55
65
75
Ta=25°C
Ta=150°C
Ta=25°C
FIG 6 Effect of Zener Voltage on Impedence
1
10
100
1000
1
10
100
FIG 5 Typical Capacitance
1
10
100
1000
1
10
100
Bias at 50% of VZ(Nom)
1V Bias
Iz=20m
Iz=5mA
Iz=1mA
Zener Voltage (V)
Forward Voltage (V)
FIG 2 Zener Breakdown Characteristics
Zener Voltage (V)
Zener Voltage (V)
Zener Voltage (V)
0.01
0.1
Version : C09
0
50
100
150
200
250
300
0
50
100
150
200
FIG 4 Admissible Power Disspation Curve
Ambient Tempeture (°C)


Similar Part No. - BZT52C43S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZT52C43S WTE-BZT52C43S Datasheet
57Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
logo
Dongguan City Niuhang E...
BZT52C43S NIUHANG-BZT52C43S Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
logo
SHENZHEN YONGERJIA INDU...
BZT52C43S WINNERJOIN-BZT52C43S Datasheet
298Kb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Shanghai Leiditech Elec...
BZT52C43S LEIDITECH-BZT52C43S Datasheet
1Mb / 5P
   Plastic-Encapsulate Zener Diode
logo
Taiwan Semiconductor Co...
BZT52C43S TSC-BZT52C43S Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
More results

Similar Description - BZT52C43S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com