Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C5V6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55C5V6
Description  500mW, 5% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55C5V6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT55C5V6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55C5V6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55C5V6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZT55C2V4-BZT55C75
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
VZ Tolerance Selection of ±5%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Unit (mm)
Unit (inch)
Min
Max
Min
Max
3.30
3.70
0.130 0.146
Case : QUADRO Mini-MELF Package (JEDEC DO-213)
1.40
1.60
0.055 0.063
High temperature soldering guaranteed : 270°C/10s
0.25
0.40
0.010 0.016
1.25
1.40
0.049 0.055
Package
QMMELF
QMMELF
Maximum Ratings
IF=10mA
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
QUADRO Mini-MELF (LS34)
HERMETICALLY SEALED GLASS
Zener I vs. V Characteristics
V
Thermal Resistance (Junction to Ambient)
(Note 1)
RθJA
500
°C/W
Forward Voltage
1.0
TJ, TSTG
°C
-65 to + 175
Value
500
Junction and Storage Temperature Range
PD
VF
Power Dissipation
Symbol
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Units
mW
BZT55Cxx L1
2.5Kpcs / 7" Reel
Polarity : Indicated by cathode band
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Wide zener voltage range selection : 2.4V to 75V
Dimensions
A
Weight : 29 ± 2.5 mg
BZT55Cxx L0
10Kpcs / 13" Reel
B
C
D
E
1.80
0.071
Ordering Information
Part No.
Packing
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
C
B
A
D
E
Version : D09


Similar Part No. - BZT55C5V6

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C5V6 TEMIC-BZT55C5V6 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C5V6 VISHAY-BZT55C5V6 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C5V6 TSC-BZT55C5V6 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C5V6 VISHAY-BZT55C5V6 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C5V6 SEMTECH_ELEC-BZT55C5V6 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - BZT55C5V6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com