Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52B5V1 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B5V1
Description  500mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B5V1 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZT52B5V1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B5V1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B5V1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZT52B2V4-BZT52B75
500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0
1
10
100
01
23
45
67
89
10
11
12
Ta=25°C
0
100
200
300
400
500
0
50
100
150
200
FIG 3 Zener Breakdown Characteristics
0
0
1
10
100
15
25
35
45
55
65
75
Ta=25°C
Ta=150°C
Ta=25°C
FIG 6 Effect of Zener Voltage on Impedence
1
10
100
1000
1
10
100
FIG 5 Typical Capacitance
1
10
100
1000
1
10
100
Bias at 50% of VZ(Nom)
1V Bias
Iz=20m
Iz=5mA
Iz=1mA
Zener Voltage (V)
Forward Voltage (V)
FIG 2 Zener Breakdown Characteristics
Zener Voltage (V)
FIG 4 Admissible Power Disspation Curve
Zener Voltage (V)
Ambient Tempeture (°C)
Zener Voltage (V)
0.01
0.1
Version : C09


Similar Part No. - BZT52B5V1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZT52B5V1 WEITRON-BZT52B5V1 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52B5V1 VISHAY-BZT52B5V1 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Shenzhen Taychipst Elec...
BZT52B5V1 TAYCHIPST-BZT52B5V1 Datasheet
2Mb / 3P
   Small Signal Diode
logo
Foshan Blue Rocket Elec...
BZT52B5V1 FOSHAN-BZT52B5V1 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Diotec Semiconductor
BZT52B5V1 DIOTEC-BZT52B5V1 Datasheet
86Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - BZT52B5V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com