Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52B3V6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B3V6
Description  500mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B3V6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52B3V6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B3V6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B3V6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZT52B2V4-BZT52B75
500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
VZ Tolerance Selection of ±2%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-123 small outline plastic package
1.5
1.7
0.059 0.067
3.3
3.7
0.130 0.146
0.5
0.7
0.020 0.028
2.5
2.7
0.098 0.106
0.8
1.0
0.031 0.039
0.05
0.2
0.002 0.008
Package
SOD-123F
Maximum Ratings
IF=10mA
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
Zener I vs. V Characteristics
V
Thermal Resistance (Junction to Ambient)
(Note 1)
RθJA
350
°C/W
Forward Voltage
1
TJ, TSTG
°C
BZT52Bxx RH
3Kpcs / 7" Reel
Units
PD
mW
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
D
E
Ordering Information
Part No.
Packing
-65 to + 150
Value
500
Junction and Storage Temperature Range
VF
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
F
High temperature soldering guaranteed: 260 °C/10s
Polarity : Indicated by cathode band
Weight : 8.85±0.5 mg
A
B
C
SOD-123F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Wide zener voltage range selection : 2.4V to 75V
Unit (inch)
Dimensions
D
A
B
C
E
F
Voltage
Curren
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
Version : C09


Similar Part No. - BZT52B3V6

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZT52B3V6 WEITRON-BZT52B3V6 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52B3V6 VISHAY-BZT52B3V6 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Shenzhen Taychipst Elec...
BZT52B3V6 TAYCHIPST-BZT52B3V6 Datasheet
2Mb / 3P
   Small Signal Diode
logo
Foshan Blue Rocket Elec...
BZT52B3V6 FOSHAN-BZT52B3V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Diotec Semiconductor
BZT52B3V6 DIOTEC-BZT52B3V6 Datasheet
86Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - BZT52B3V6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com