Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52B3V3S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B3V3S
Description  200mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B3V3S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52B3V3S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B3V3S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B3V3S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT52B2V4S-BZT52B75S
200mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1V Maximum @ I F = 10 mA for all part numbers
Nom
Min
Max
BZT52B2V4S
2.35
2.4
2.45
5
100
1
564
45
1
BZT52B2V7S
2.65
2.7
2.75
5
100
1
564
18
1
BZT52B3V0S
2.94
3
3.06
5
100
1
564
9
1
BZT52B3V3S
3.23
3.3
3.37
5
95
1
564
4.5
1
BZT52B3V6S
3.53
3.6
3.67
5
90
1
564
4.5
1
BZT52B3V9S
3.82
3.9
3.98
5
90
1
564
2.7
1
BZT52B4V3S
4.21
4.3
4.39
5
90
1
564
2.7
1
BZT52B4V7S
4.61
4.7
4.79
5
80
1
470
2.7
2
BZT52B5V1S
5
5.1
5.2
5
60
1
451
1.8
2
BZT52B5V6S
5.49
5.6
5.71
5
40
1
376
0.9
2
BZT52B6V2S
6.08
6.2
6.32
5
10
1
141
2.7
4
BZT52B6V8S
6.66
6.8
6.94
5
15
1
75
1.8
4
BZT52B7V5S
7.35
7.5
7.65
5
15
1
75
0.9
5
BZT52B8V2S
8.04
8.2
8.36
5
15
1
75
0.63
5
BZT52B9V1S
8.92
9.1
9.28
5
15
1
94
0.45
6
BZT52B10S
9.8
10
10.2
5
20
1
141
0.18
7
BZT52B11S
10.78
11
11.22
5
20
1
141
0.09
8
BZT52B12S
11.76
12
12.24
5
25
1
141
0.09
8
BZT52B13S
12.74
13
13.26
5
30
1
160
0.09
8
BZT52B15S
14.7
15
15.3
5
30
1
188
0.045
10.5
BZT52B16S
15.68
16
16.32
5
40
1
188
0.045
11.2
BZT52B18S
17.64
18
18.36
5
45
1
212
0.045
12.6
BZT52B20S
19.60
20
20.40
5
55
1
212
0.045
14.0
BZT52B22S
21.56
22
22.44
5
55
1
235
0.045
15.4
BZT52B24S
23.52
24
24.48
5
70
1
235
0.045
16.8
BZT52B27S
26.46
27
27.54
2
80
0.5
282
0.045
18.9
BZT52B30S
29.40
30
30.60
2
80
0.5
282
0.045
21.0
BZT52B33S
32.34
33
33.66
2
80
0.5
306
0.045
23.0
BZT52B36S
35.28
36
36.72
2
90
0.5
329
0.045
25.2
BZT52B39S
38.22
39
39.78
2
130
0.5
329
0.045
27.3
BZT52B43S
42.14
43
43.86
2
150
0.5
353
0.045
30.1
BZT52B47S
46.06
47
47.94
2
170
0.5
353
0.045
33.0
BZT52B51S
49.98
51
52.02
2
180
0.5
376
0.045
35.7
BZT52B56S
54.88
56
57.12
2
200
0.5
400
0.045
39.2
BZT52B62S
60.76
62
63.24
2
215
0.5
423
0.045
43.4
BZT52B68S
66.64
68
69.36
2
240
0.5
447
0.045
47.6
BZT52B75S
73.50
75
76.50
2
255
0.5
470
0.045
52.5
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (I ZT or IZK) is superimposed to IZT or IZK.
Part Number
VZ @ IZT (Volt)
ZZT @ IZT(Ω)
Max
ZZK @ IZK(Ω)
Max
IR @ VR(μA)
Max
IZK(mA)
Version : B09


Similar Part No. - BZT52B3V3S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B3V3S TSC-BZT52B3V3S Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
logo
Jiangsu Changjiang Elec...
BZT52B3V3S JIANGSU-BZT52B3V3S Datasheet
775Kb / 5P
   ZENER DIODE
logo
Diode Semiconductor Kor...
BZT52B3V3S DSK-BZT52B3V3S Datasheet
252Kb / 4P
   Surface mount zener diode
logo
Jiangsu High diode Semi...
BZT52B3V3S HDSEMI-BZT52B3V3S Datasheet
1Mb / 5P
   SOD323 Plastic-Encapsulate Diodes
logo
Foshan Blue Rocket Elec...
BZT52B3V3S FOSHAN-BZT52B3V3S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results

Similar Description - BZT52B3V3S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com