Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS665N Datasheet(PDF) 1 Page - Marktech Corporate

Part # VS665N
Description  Visible Light Emitting Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

VS665N Datasheet(HTML) 1 Page - Marktech Corporate

  VS665N Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VS665N
Visible Light Emitting Diode
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25℃)
SYMBOL
MIN
TYP
MAX
UNIT
PO
1.5
3.0
mW
VF
1.8
2.2
V
IR
100
μ
A
λ
p
660
nm
Δλ
25
nm
θ
±6
deg.
Tr
30
nS
Tf
30
nS
Cj
20
pF
P/T
-0.5
%/℃
V/T
-1.5
mV/℃
Anode
Cathode
FEATURES
High-output Power
Narrow Beam Angle
High Reliability
APPLICATIONS ・Color Sensor (Money-bill)
Paper Sensor (Money-bill)
Bar-code Reader
1. ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
UNIT
IF
mA
IFP
A
VR
V
PD
mW
Topr
Tstg
Tj
Tls
*2:Time 5 Sec max,Position:Up to 3mm from the body
Temp. Coefficient of VF
IF=10mA
Temp. Coefficient of PO
Reverse Current
Peak Wavelength
Spectral Line Half Width
Half Intensity Beam Angle
Rise Time
Fall Time
Junction Capacitance
I T E M
Power Output
Forward Voltage
IFP=20mA
CONDITIONS
IF=20mA
IF=20mA
IFP=20mA
IF=10mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
1MHz ,V=0V
Junction Temp.
I T E M
Forward Current (DC)
Forward Current (Pulse)*1
Reverse Voltage
-30 TO 100
Power Dissipation
Operating Temp.
Storage Temp.
260
Lead Soldering Temp.*2
*1:Tw=10uS,T=10mS
RATINGS
50
0.5
100
5
110
-20 TO 85
THERMAL DERATING CURVE
0
10
20
30
40
50
60
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
FORWARD I-V CHARACTERISTICS
0
10
20
30
40
50
60
0
1
2
3
FORWARD VOLTAGE(V)
POWER OUTPUT vs TEMPERATURE
IF=10mA
0
20
40
60
80
100
120
140
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
SPECTRAL OUTPUT
0
20
40
60
80
100
120
610
660
710
WAVELENGTH(nm)
RADIATION PATTERN
0
20
40
60
80
100
120
-90
-60
-30
0
30
60
90
BEAM ANGLE(deg.)
RELATIVE POWER vs FORWARD
CURRENT
0
100
200
300
0
10
20
30
40
50
60
FORWARD CURRENT(mA)
FORWARD VOLTAGE vs
TEMPERATURE
IF=10mA
0
0.5
1
1.5
2
2.5
3
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
OPTRANS
2000/10/24 125-VS665N
To purchase this part contact
Marktech Optoelectronics at
800.984.5337
Optoelectronics
www.marktechopto.com
Marktech


Similar Part No. - VS665N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
   1.0 Megapixel SMIA Camera Module
VS6650S02F/T2 STMICROELECTRONICS-VS6650S02F/T2 Datasheet
54Kb / 3P
   1.0 Megapixel SMIA Camera Module
More results

Similar Description - VS665N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT85F-UR MARKTECH-MT85F-UR_2 Datasheet
137Kb / 2P
   Visible Light Emitting Diode
MT3200A-UR2 MARKTECH-MT3200A-UR2_2 Datasheet
128Kb / 2P
   Visible Light Emitting Diode
MT7064-UR MARKTECH-MT7064-UR_2 Datasheet
147Kb / 2P
   Visible Light Emitting Diode
MT8060N2 MARKTECH-MT8060N2_2 Datasheet
115Kb / 2P
   Visible Light Emitting Diode
MT3200A-UR MARKTECH-MT3200A-UR Datasheet
231Kb / 2P
   Visible Light Emitting Diode
MTE5066M-UR MARKTECH-MTE5066M-UR Datasheet
54Kb / 1P
   Visible Light Emitting Diode
MT5066A-UR2 MARKTECH-MT5066A-UR2 Datasheet
161Kb / 1P
   Visible Light Emitting Diode
MT108J-UR5 MARKTECH-MT108J-UR5 Datasheet
120Kb / 2P
   Visible Light Emitting Diode
VSF614C1 MARKTECH-VSF614C1 Datasheet
68Kb / 2P
   Visible Light Emitting Diode
VSF741C1 MARKTECH-VSF741C1 Datasheet
67Kb / 2P
   Visible Light Emitting Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com