Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62725BFG Datasheet(PDF) 10 Page - Marktech Corporate

Part # TB62725BFG
Description  8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62725BFG Datasheet(HTML) 10 Page - Marktech Corporate

Back Button TB62725BFG Datasheet HTML 6Page - Marktech Corporate TB62725BFG Datasheet HTML 7Page - Marktech Corporate TB62725BFG Datasheet HTML 8Page - Marktech Corporate TB62725BFG Datasheet HTML 9Page - Marktech Corporate TB62725BFG Datasheet HTML 10Page - Marktech Corporate TB62725BFG Datasheet HTML 11Page - Marktech Corporate TB62725BFG Datasheet HTML 12Page - Marktech Corporate TB62725BFG Datasheet HTML 13Page - Marktech Corporate TB62725BFG Datasheet HTML 14Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TB62725BPG/BFG/BFNG 
2005­04­20 
Output Current – Duty (LED turn­on rate) 
DUTY – Turn on rate    (%) 
DUTY – Turn on rate    (%) 
IOUT – DUTY On PCB 
(recommended) 
IOUT – DUTY On PCB 
( recommended ) 
100 
80 
60 
40 
20 
20 
40 
60 
80 
100 
BFG/BFNG 
BPG 
Topr = 55°C 
VDD = 5.0 V 
VCE = 1.0 V 
Tj = 120°C (max) 
100 
80 
60 
40 
20 
20 
40 
60 
80 
100 
Topr = 25°C 
VDD = 5.0 V 
VCE = 1.0 V 
Tj = 120°C (max) 
BFG/BFNG 
BPG 
DUTY – Turn on rate    (%) 
IOUT – DUTY On PCB 
(recommended) 
100 
80 
60 
40 
20 
20 
40 
60 
80 
100 
Topr = 85°C 
VDD = 5.0 V 
VCE = 1.0 V 
Tj = 120°C (max) 
BFG/BFNG 
BPG 
REXT  (W) 
IOUT – REXT 
90 
80 
60 
40 
20 
70 
50 
30 
10 
100 
1000 
10000 
Topr = 25°C 
VCE = 0.7 V 
5000 
500 
IOUT (mA) = (1.15 ¸ REXT (W)) ´ 14.9 
Ambient temperature    Ta    (°C
P–Topr 
1.6 
1.2 
1.0 
0.6 
100 
1.4 
0.8 
0.2 
0.4 
20 
40 
60 
80 
BFG/BFNG 
(mounted PCB) 
BPG (Free air)


Similar Part No. - TB62725BFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62725BFG MARKTECH-TB62725BFG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
More results

Similar Description - TB62725BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62781FNG TOSHIBA-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62783FNG TOSHIBA-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62725P TOSHIBA-TB62725P Datasheet
313Kb / 15P
   8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V
logo
Marktech Corporate
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
   24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com