Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5252MNTXG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5252MNTXG
Description  2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5252MNTXG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5252MNTXG Datasheet HTML 5Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 6Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 7Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 8Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 9Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 10Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 11Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 12Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP5252
http://onsemi.com
9
Figure 15. Soft−Start Waveforms for Vout = 3.3 V
Figure 16. Soft−Start Waveforms for Vout = 1.2 V
(Vin = 12 V, ILOAD = 10 mA,
L = 5 mH,COUT = 100 mF)
Upper trace: Input voltage, 5 V/div
Lower trace: Output voltage, 1 V/div
Time base: 500 ms/div
(Vin = 12 V, ILOAD = 10 mA,
L = 5 mH,COUT = 100 mF)
Upper trace: Input voltage, 5 V/div
Lower trace: Output voltage, 1 V/div
Time base: 500 ms/div


Similar Part No. - NCP5252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252MNTXG ONSEMI-NCP5252MNTXG Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
More results

Similar Description - NCP5252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
   Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com