Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5252 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5252
Description  2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5252 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5252 Datasheet HTML 1Page - ON Semiconductor NCP5252 Datasheet HTML 2Page - ON Semiconductor NCP5252 Datasheet HTML 3Page - ON Semiconductor NCP5252 Datasheet HTML 4Page - ON Semiconductor NCP5252 Datasheet HTML 5Page - ON Semiconductor NCP5252 Datasheet HTML 6Page - ON Semiconductor NCP5252 Datasheet HTML 7Page - ON Semiconductor NCP5252 Datasheet HTML 8Page - ON Semiconductor NCP5252 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 0
1
Publication Order Number:
NCP5252/D
NCP5252
2.0 A, 1.0 MHz Integrated
Synchronous Buck
Regulator with Light Load
Efficiency
NCP5252 is a synchronous buck regulator with integrated high-side
and low-side MOSFETs. The device is capable of operating from a 5 V
or 12 V supply and can output a voltage down to 0.6 V. The switching
frequency is adjustable from 333 kHz up to 1.0 MHz and has the
ability to provide skip mode for light load efficiency. NCP5252
protection features include Under Voltage Lock Out (UVLO), Over
Voltage Protection (OVP), Cycle-by-Cycle Current Protection (OCP)
and Thermal Shutdown. The parts are packaged in a 3x3mm QFN-16.
Features
1% Accuracy 0.6 V Reference
VCC Voltage 4.5 V to 13.2 V
Adjustable Output Voltage Range: 0.6 V to 5.0 V Vout
Transient Response Enhancement (TRE) Feature.
Lossless Low Side Sense Current Control
Input Voltage Feed Forward Control
Internal Digital Soft−Start
Integrated Output Discharge (Soft−Stop)
Cycle−by−Cycle Current Limit
PGOOD Indication
Overvoltage and Undervoltage Protection
Thermal Shutdown Protection
Power Saving Mode at Light Load
Integrated Boost Diode
QFN−16 (3 mm x 3 mm)
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Desktop Application
System Power
XDSL, Modems, DC−DC Modules
Set Top Box
HD Driver
LED Driver, DVD Recorders
Device
Package
Shipping
ORDERING INFORMATION
NCP5252MNTXG
QFN16
(Pb−Free)
3000 / Tape & Reel
QFN16
CASE 485G
MARKING
DIAGRAM
http://onsemi.com
1
16
N5252
ALYWG
G
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
16
15
14
13
12
11
10
9
1
2
3
4
56
78
VCC
BST
PGOOD
EN/SKIP
PGND
PGND
V5
FREQ_SET
QFN16
(Top View)
(Note: Microdot may be in either location)
NCP5252


Similar Part No. - NCP5252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252MNTXG ONSEMI-NCP5252MNTXG Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
More results

Similar Description - NCP5252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
   Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com