Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1380 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1380
Description  Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1380 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1380 Datasheet HTML 1Page - ON Semiconductor NCP1380 Datasheet HTML 2Page - ON Semiconductor NCP1380 Datasheet HTML 3Page - ON Semiconductor NCP1380 Datasheet HTML 4Page - ON Semiconductor NCP1380 Datasheet HTML 5Page - ON Semiconductor NCP1380 Datasheet HTML 6Page - ON Semiconductor NCP1380 Datasheet HTML 7Page - ON Semiconductor NCP1380 Datasheet HTML 8Page - ON Semiconductor NCP1380 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NCP1380
http://onsemi.com
4
INTERNAL CIRCUIT ARCHITECTURE
FB
Ct
ICt
+
+
ZCD
La ux
10 V
ESD
Vth
DRV
de ma g
S
R
Q
CS
Rsense
LEB 1
/ 4
VDD
VDD
Soft-start
VCC
aux
V CC management
latch
VDD
Rpullup
fa ul t
DRV
ga te
gr a nd
reset
gr a nd
reset
gr a nd
reset
DRV
clamp
Soft−s ta rt e nd ? the n 1
else 0
A:
l a tc he d
IpFlag
+
SS end
IpFlag
PWMreset
P W Mr eset
GN D
Up
Down
TIM ER
Reset
VCCstop
BO r eset
L OGI C BL OCK
VDD
Fa ul t
VCC
VOVP
IOTP(REF)
OPP
VILIMIT
VDD
VOTP
SS end
noi s e de l a y
noi s e de l a y
5 ms
Ti me Out
LEB 2
+
VC S(stop)
CsS top
Cs S top
LEB 2 is shorter than LEB 1
40 ms
Ti me Out
SS end
The 40 ms Time Out is active
only during s oft−sta r t
SS end
Figure 3. Internal Circuit Architecture for Versions A and B
S
R
Q
Q
Q
Ipeak(VCO) = 17.5% VILIMIT
Ct s e tpoi nt
Ct
Discharge
3 ms blanking


Similar Part No. - NCP1380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380 ONSEMI-NCP1380 Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1380ADR2G ONSEMI-NCP1380ADR2G Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1380BDR2G ONSEMI-NCP1380BDR2G Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1380CDR2G ONSEMI-NCP1380CDR2G Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1380DDR2G ONSEMI-NCP1380DDR2G Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
More results

Similar Description - NCP1380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1379 ONSEMI-NCP1379_11 Datasheet
314Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
July, 2011 ??Rev. 2
NCP1380 ONSEMI-NCP1380_V01 Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com