Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1288BD65R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1288BD65R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1288BD65R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1288BD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1288BD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NCP1288
http://onsemi.com
3
SIMPLIFIED INTERNAL BLOCK SCHEMATIC
Figure 3. Simplified Internal Block Schematic
Reset
Brown−out
CS
FB
+
blanking
timer
VDD
+
+
+
+
+
S
R
Q
Soft−start Start
Reset
IC Start
IC Stop
Oscillator
HV
VCC
Latch
+
+
Vskip
Protection
Mode
release
timer
Autorecovery
protection
mode only
DRV
HV sample
OVM
BO
Clamp
UVLO
Fault
Reset
Sawtooth
Jitter
HV stop
Brown−out
HV stop
V to I
HV sample
Latch
Dual HV
start−up
current source
VCC
management
HV current
TSD
VDD
UVLO
Reset
TSD
Start
IC Start
Skip
PWM
Soft−start
Reset
VDD
UVLO
Soft−skip ramp
IC stop
TSD
TSD
HV dc
PWM
Fault Flag
Foldback
FB
GND
FB
Stop
Skip
S
R
Q
blanking
+
S
R
Q
+
blanking
Brown−out
Reset
Latch
Vclamp
blanking
1 kW
+
+
Soft−start
end
Soft−start end
End
slope
comp.
ramp
IOPC = 0.5m x
(VHV−125)
VDD
INTC
INTC
VOVP
VOTP
tLatch(OVP)
tLatch(OTP)
tSSKIP
RFB(up)
KFB
ILIMIT
DMAX
tSSTART
VFB(OPC)
tLEB
tBCS
VILIM
ILIMIT
VCS(stop)
DCMAX
DMAX
tfault
tautorec


Similar Part No. - NCP1288BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1288 ONSEMI-NCP1288_11 Datasheet
276Kb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2011 ??Rev. 3
More results

Similar Description - NCP1288BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com