Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT6224-OG-A Datasheet(PDF) 5 Page - Marktech Corporate

Part # MT6224-OG-A
Description  5.0mm ROUND BI- POLAR LAMP (3LEADS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT6224-OG-A Datasheet(HTML) 5 Page - Marktech Corporate

  MT6224-OG-A Datasheet HTML 1Page - Marktech Corporate MT6224-OG-A Datasheet HTML 2Page - Marktech Corporate MT6224-OG-A Datasheet HTML 3Page - Marktech Corporate MT6224-OG-A Datasheet HTML 4Page - Marktech Corporate MT6224-OG-A Datasheet HTML 5Page - Marktech Corporate MT6224-OG-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MT6224-OG-A
5.0mm ROUND BI- POLAR
LAMP (3LEADS)
VER.: 01
Date: 2007/11/11
Page: 4/5
Typical Electrical / Optical Characteristics Curves :
Forward Voltage (V)
FORWARD CURRENT VS.APPLIED VOLTAGE
10
20
40
30
50
1.2
1.6
2.0
2.4
2.8
3.2
20.0
Forward Current (mA)
FORWARD CURRENT VS. LUMINOUS INTENSITY
10.0
0
5.0
10.0
20.0
15.0
25.0
30.0
0.0
Temperature(。C)
0
204060
100
80
10
20
40
30
50
FORWARD CURRENT VS. AMBIENT TEMPERATURE
RADIATION DIAGRAM
0.7
0.5 0.3
0.8
0.9
1.0
0.2
0.1
0.4
0.6
90°
60°
80°
70°
50°
40°
30°
20°
10°


Similar Part No. - MT6224-OG-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6224-OGD51 MARKTECH-MT6224-OGD51 Datasheet
74Kb / 2P
   5mm Green/Amber Bi−Color LED
More results

Similar Description - MT6224-OG-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6203-HRG-A MARKTECH-MT6203-HRG-A Datasheet
143Kb / 6P
   3.0mm ROUND BI- POLAR LAMP (3LEADS)
MT5491A-URG-A MARKTECH-MT5491A-URG-A Datasheet
138Kb / 6P
   5.0mm ROUND BI- POLAR LAMP (2LEADS)
MT2030 MARKTECH-MT2030_15 Datasheet
280Kb / 6P
   ROUND BI-POLAR LAMP
MT2030 MARKTECH-MT2030 Datasheet
280Kb / 6P
   ROUND BI-POLAR LAMP (2 LEADS)
logo
List of Unclassifed Man...
LT9C13-89-URC2 ETC1-LT9C13-89-URC2 Datasheet
312Kb / 2P
   5.0MM ROUND LAMP
logo
Marktech Corporate
MT5300-UG MARKTECH-MT5300-UG Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-BLS MARKTECH-MT5150-BLS Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
MT4118A-HRSB-A MARKTECH-MT4118A-HRSB-A Datasheet
136Kb / 6P
   5.0mm ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-UG MARKTECH-MT5150-UG Datasheet
163Kb / 6P
   5.0mm ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com