Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5234BSF Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5234BSF
Description  Zener Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5234BSF Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5234BSF Datasheet HTML 1Page - Cystech Electonics Corp. ZD5234BSF Datasheet HTML 2Page - Cystech Electonics Corp. ZD5234BSF Datasheet HTML 3Page - Cystech Electonics Corp. ZD5234BSF Datasheet HTML 4Page - Cystech Electonics Corp. ZD5234BSF Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C326SF-H
Issued Date : 2006.08.29
Revised Date :
Page No. : 2/5
ZD52XXBSF series
CYStek Product Specification
Electrical Characteristic (TA=25℃, unless otherwise noted)
Nom. Zener Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
VZ@IZT (V)
ZZT
IZT
ZZK
IZK
IR
VR
Device
Nom.
Test Current
(mA)
(Ω)
(mA)
(Ω)
(mA)
(µA)
(V)
Marking Code
ZD5221BSF
2.4
5
100
5
1800
0.25
100
1.0
N3
ZD5223BSF
2.7
5
100
5
1900
0.25
75
1.0
N4
ZD5225BSF
3.0
5
95
5
2000
0.25
50
1.0
N6
ZD5226BSF
3.3
5
95
5
2200
0.25
25
1.0
X1
ZD5227BSF
3.6
5
90
5
2300
0.25
15
1.0
X2
ZD5228BSF
3.9
5
90
5
2400
0.25
10
1.0
X3
ZD5229BSF
4.3
5
88
5
2500
0.25
5.0
1.0
X4
ZD5230BSF
4.7
5
70
5
2200
0.25
3.0
1.0
X5
ZD5231BSF
5.1
5
50
5
2050
0.25
2.0
1.0
X6
ZD5232BSF
5.6
5
25
5
1800
0.25
2.0
1.0
X7
ZD5234BSF
6.2
5
10
5
1300
0.25
1.0
2.0
X8
ZD5235BSF
6.8
5
8
5
750
0.25
1.0
3.0
X9
ZD5236BSF
7.5
5
7
5
600
0.25
0.5
5.0
Y1
ZD5237BSF
8.2
5
7
5
600
0.25
0.5
6.2
Y2
ZD5239BSF
9.1
5
10
5
600
0.25
0.1
6.8
Y3
ZD5240BSF
10
5
15
5
600
0.25
0.1
7.5
Y4
ZD5241BSF
11
5
18
5
600
0.25
0.1
8.2
Y5
ZD5242BSF
12
5
22
5
600
0.25
0.1
9.1
Y6
ZD5243BSF
13
5
25
5
600
0.25
1.0
10
Y7
ZD5245BSF
15
5
32
5
600
0.25
0.1
11
Y8
ZD5246BSF
16
5
36
5
600
0.25
0.1
12
Y9
ZD5248BSF
18
5
42
5
600
0.25
0.1
13
Z1
ZD5250BSF
20
5
48
5
600
0.25
0.1
15
Z2
ZD5251BSF
22
5
55
5
600
0.25
0.1
16
Z3
ZD5252BSF
24
5
62
5
600
0.25
0.1
18
Z4
ZD5254BSF
27
5
70
5
600
0.25
0.1
20
Z5
ZD5256BSF
30
5
78
5
600
0.25
0.1
22
Z6
ZD5257BSF
33
5
88
5
700
0.25
0.1
24
Z7
ZD5258BSF
36
5
95
5
700
0.25
0.1
27
Z8
ZD5259BSF
39
5
130
5
800
0.25
0.1
30
Z9
Note: 2% tolerance of Zener voltage


Similar Part No. - ZD5234BSF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5234B CYSTEKEC-ZD5234B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5234B CYSTEKEC-ZD5234B Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234B CYSTEKEC-ZD5234B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5234B CYSTEKEC-ZD5234B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5234B CYSTEKEC-ZD5234B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5234BSF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com