Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5228B Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5228B
Description  Zener Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5228B Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5228B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5228B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5228B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5228B Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2005.07.27
Revised Date :200610.02
Page No. : 2/4
ZD52XXBSH series
CYStek Product Specification
Electrical Characteristic (VF=1.5V Max @IF=200mA for all types.)
Nom. Zener Voltage
Max. Zener Impedance
Max. Zener
Current
Max. Reverse
Leakage Current
VZ@IZT (V)
ZZT
IZT
ZZK
IZK
IZM@Ta
IR
VR
Device
Type
Code
Nom.
Min.
Max.
(Ω) (mA)
(Ω)
(mA)
(mA)
(μA)
(V)
ZD5221B
C1
2.4
2.28
2.52
30
20
1200
0.25
188
100
1.0
ZD5223B
C3
2.7
2.57
2.84
30
20
1300
0.25
167
75
1.0
ZD5225B
C5
3.0
2.85
3.15
30
20
1600
0.25
150
50
1.0
ZD5226B
G1
3.3
3.14
3.47
28
20
1600
0.25
138
25
1.0
ZD5227B
G2
3.6
3.42
3.78
24
20
1700
0.25
126
15
1.0
ZD5228B
G3
3.9
3.71
4.10
23
20
1900
0.25
115
10
1.0
ZD5229B
G4
4.3
4.09
4.52
22
20
2000
0.25
106
5.0
1.0
ZD5230B
G5
4.7
4.47
4.94
19
20
1900
0.25
97
5.0
2.0
ZD5231B
E1
5.1
4.85
5.36
17
20
1600
0.25
89
5.0
2.0
ZD5232B
E2
5.6
5.32
5.88
11
20
1600
0.25
81
5.0
3.0
ZD5233B
E3
6.0
5.70
6.30
7.0
20
1600
0.25
76
5.0
3.5
ZD5234B
E4
6.2
5.89
6.51
7.0
20
1000
0.25
73
5.0
4.0
ZD5235B
E5
6.8
6.46
7.14
5.0
20
750
0.25
67
3.0
5.0
ZD5236B
F1
7.5
7.13
7.88
6.0
20
500
0.25
61
3.0
6.0
ZD5237B
F2
8.2
8.27
9.14
8.0
20
500
0.25
55
3.0
6.5
ZD5238B
F3
8.7
7.79
8.61
8.0
20
600
0.25
55
3.0
6.5
ZD5239B
F4
9.1
8.65
9.56
10
20
600
0.25
50
3.0
7.0
ZD5240B
F5
10
9.5
10.5
17
20
600
0.25
45
3.0
8.0
ZD5241B
H1
11
10.45 11.55
22
20
600
0.25
41
2.0
8.4
ZD5242B
H2
12
11.4
12.6
30
20
600
0.25
38
1.0
9.1
ZD5243B
H3
13
12.35 13.65
13
9.5
600
0.25
35
0.5
9.9
ZD5245B
H5
15
14.25 15.75
16
8.5
600
0.25
30
0.1
11
ZD5246B
J1
16
15.2
16.8
17
7.8
600
0.25
28
0.1
12
ZD5248B
J3
18
17.1
18.9
21
7.0
600
0.25
25
0.1
14
ZD5250B
J5
20
19
21
25
6.2
600
0.25
23
0.1
15
ZD5251B
K1
22
20.9
23.1
29
5.6
600
0.25
21
0.1
17
ZD5252B
K2
24
22.8
25.2
33
5.2
600
0.25
19.1
0.1
18
ZD5254B
K4
27
25.65 28.35
41
5.0
600
0.25
16.8
0.1
21
ZD5255B
K5
28
26.6
29.4
44
4.5
600
0.25
16.2
0.1
21
ZD5256B
M1
30
28.5
31.5
49
4.2
600
0.25
15.1
0.1
23
ZD5257B
M2
33
31.35 34.65
58
3.8
700
0.25
13.8
0.1
25
ZD5258B
M3
36
34.2
37.8
70
3.4
700
0.25
12.6
0.1
27
ZD5259B
M4
39
37.05 40.95
80
3.2
800
0.25
11.6
0.1
30
ZD5260B
M5
43
40.85 45.15
93
3
900
0.25
10.6
0.1
33


Similar Part No. - ZD5228B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5228B CYSTEKEC-ZD5228B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5228B CYSTEKEC-ZD5228B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5228B CYSTEKEC-ZD5228B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5228B CYSTEKEC-ZD5228B Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5228B CYSTEKEC-ZD5228B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5228B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com