Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5226BSF Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5226BSF
Description  Zener Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5226BSF Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5226BSF Datasheet HTML 1Page - Cystech Electonics Corp. ZD5226BSF Datasheet HTML 2Page - Cystech Electonics Corp. ZD5226BSF Datasheet HTML 3Page - Cystech Electonics Corp. ZD5226BSF Datasheet HTML 4Page - Cystech Electonics Corp. ZD5226BSF Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C326SF-H
Issued Date : 2006.08.29
Revised Date :
Page No. : 1/5
ZD52XXBSF series
CYStek Product Specification
Zener Diode Series
ZD52XXBSF
Description
The ZD52XXBSF series covers zener voltage range from 2.4V to 39V, and is encapsulated in SOD-123-MH package,
very suitable for low cost, low power voltage regulation application.
Features
• Extremely thin/leadless package
• 500mW power dissipation
• Designed for mounting on small surface
Mechanical Data
• Case : Molded plastic, JEDEC SOD-123-MH
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band
• Mounting position: Any
Absolute Maximum Ratings(TA=25℃, unless otherwise specified)
PARAMETER
CONDITIONS
Symbols
MIN
TYP
MAX
Unit
Forward Voltage
IF=200mADC
VF
1.2
V
Power Dissipation
PD
500
mW
Forward Surge Current
8.3ms single sine-wave
superimposed on rated load
(JEDEC method)
IFSM
1000
mA
Storage Temperature
TSTG
-55
+125
Operating Temperature
TJ
-55
+125


Similar Part No. - ZD5226BSF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BSH CYSTEKEC-ZD5226BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results

Similar Description - ZD5226BSF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com