Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MID-86416 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MID-86416
Description  T-1 3/4 PACKAGE PIN PHOTODIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MID-86416 Datasheet(HTML) 3 Page - Unity Opto Technology

  MID-86416 Datasheet HTML 1Page - Unity Opto Technology MID-86416 Datasheet HTML 2Page - Unity Opto Technology MID-86416 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MID-86416
Typical Optical-Electrical Characteristic Curves
02/04/2002
Unity Opto Technology Co., Ltd.
FIG .7 SENSITIVITY DIAGRAM
1.0
0.9
0.8
10°
20°
0.5 0.3 0.1 0.2 0.4 0.6
90
70
°
60
50
80°
30°
40°
0
20
40
60
80
100
400
600
800
1000
1200
Wavelength-nm
FIG.5 RELATIVE SPECTRAL SENSITIVITY
VS. WAVELENGTH
Irradiance Ee (mW/cm
2)
FIG.6 PHOTOCURRENT VS.
IRRADIANCE = 850 nm
0.01
0.1
1
10
1000
0.1
10
1
100
 100


Similar Part No. - MID-86416

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-86414 UOT-MID-86414 Datasheet
36Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
More results

Similar Description - MID-86416

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-54A19 UOT-MID-54A19 Datasheet
37Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-56A19 UOT-MID-56A19 Datasheet
37Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-56419 UOT-MID-56419 Datasheet
41Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-54419 UOT-MID-54419 Datasheet
35Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-86414 UOT-MID-86414 Datasheet
36Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-54H19 UOT-MID-54H19 Datasheet
36Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-56H19 UOT-MID-56H19 Datasheet
36Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-30A12 UOT-MID-30A12 Datasheet
33Kb / 3P
   T-1 PACKAGE PIN PHOTODIODE
logo
Everlight Electronics C...
EAPDLP05RDDA0 EVERLIGHT-EAPDLP05RDDA0 Datasheet
287Kb / 8P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C-H0-L2 EVERLIGHT-PD333-3C-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com