Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL384XAP8 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # PL384XAP8
Description  High Performance Current Mode PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL384XAP8 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

Back Button PL384XAP8 Datasheet HTML 5Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 6Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 7Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 8Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 9Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 10Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 11Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 12Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 13Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510P8-A
Issued Date : 2003.08.12
Revised Date :
Page No. : 9/15
PL384XAP8
CYStek Product Specification
Figure 14:Slope Compensation Techniques.
VREG
8
4
3
5
GND
ISENSE
RT/CT
RT
Rslope
R1
Rs
CT
Is
VREG
8
4
3
5
GND
ISENSE
RT/CT
RT
Rslope
R1
Rs
CT
Is
Figure 15:Isolated MOSFET Drive and Current Transformer Sensing
VCC
5.0Vref
7
6
S
R
Q
3
COMP/LATCH
Q1
ISOLATION
BOUNDARY
Np
Ns
Rs
R
C
Vin
VGS Waveforms
0
50% DC
0
25% DC
Ipk
V(pin 1)-1.4
3Rs
Np
Ns


Similar Part No. - PL384XAP8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results

Similar Description - PL384XAP8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com