Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP3401N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP3401N3
Description  P-CHANNEL Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3401N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP3401N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3401N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C388N3
Issued Date : 2007.06.13
Revised Date :2008.12.17
Page No. : 2/8
MTP3401N3
CYStek Product Specification
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient
Rth,ja
90
°C/W
Note : Surface mounted on 1 in² copper pad of FR-4 board, 270
°C/W when mounted on minimum copper pad.
Electrical Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
V
VGS=0, ID=-250µA
VGS(th)
-0.7
-
-1.3
V
VDS=VGS, ID=-250µA
IGSS
-
-
±100
nA
VGS=±12V, VDS=0
IDSS
-
-
-1
µA
VDS=-24V, VGS=0
IDSS
-
-
-5
µA
VDS=-24V, VGS=0, Tj=55
°C
-
-
60
ID=-4.2A, VGS=-10V
-
-
65
ID=-4.0A, VGS=-4.5V
*RDS(ON)
-
-
120
m
Ω
ID=-1.0A, VGS=-2.5V
*GFS
-
11
-
S
VDS=-5V, ID=-5A
Dynamic
Ciss
-
954
-
Coss
-
115
-
Crss
-
77
-
pF
VDS=-15V, VGS=0, f=1MHz
*td(ON)
-
6.3
-
*tr
-
3.2
-
*td(OFF)
-
38.2
-
*tf
-
12
-
ns
VDS=-15V, VGS=-10V, RL=3.6Ω, RG=6Ω
*Qg
-
9.4
-
*Qgs
-
2
-
*Qgd
-
3
-
nC
VDS=-15V, ID=-4A,
VGS=-4.5V,
Rg
-
6
-
Ω
f=1.0MHz
Source-Drain Diode
*ISD
-
-
-2.2
A
VD=VG=0, VS=-1.0V
*VSD
-
-
-1.0
V
VGS=0V, ISD=-1.0A
*trr
-
20.2
-
ns
*Qrr
-
11.2
-
nC
IS=-4A, VGS=0V, dI/dt=100A/µs
*Pulse Test : Pulse Width
≤300µs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
MTP3401N3
SOT-23
(Pb-free)
3000 pcs / Tape & Reel
3401


Similar Part No. - MTP3401N3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTP3401N3 VBSEMI-MTP3401N3 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MTP3401N3

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com