Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN7002ZHS3 Datasheet(PDF) 10 Page - Cystech Electonics Corp.

Part # MTN7002ZHS3
Description  N-CHANNEL MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN7002ZHS3 Datasheet(HTML) 10 Page - Cystech Electonics Corp.

Back Button MTN7002ZHS3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 8Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 9Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 10Page - Cystech Electonics Corp. MTN7002ZHS3 Datasheet HTML 11Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Integrated Service Technology Inc.
Reliability Engineering Division
1F, No.19, Pu-ding Rd., Hsin - chu City, Taiwan, R.O.C.
Tel: 886-3-578-2266, Fax: 886-3-5634868
Report No.:HS0711060098A
http://www.istgroup.com
Report No.:RAC9603789-E
Page
2
of
3
No.:T1091
ESD-HBM Testing Report
Test Equipment:
KEYTEK ZAPMASTER #10-6098
Environmental Condition of Laboratory:
Temperature: 25ºC±5ºC
Humidity: 55%±10% RH
Test Condition:
D,S – G (+)
D,S – G (-)
G,S – D (+)
G,S – D (-)
D,G – S (+)
D,G – S (-)
Test Result:
MODEL: HBM
ESD SENSITIVITY PASS : ±1250V
PIN
COMBINATION
SAMPLE
SIZE
PASSED VOLTS
D,S – G (+)
1
+1250V
D,S – G (-)
1
-1500V
G,S – D (+)
1
+1250V
G,S – D (-)
1
-1250V
D,G – S (+)
1
+1250V
D,G – S (-)
1
-1250V
V CLASS:
1C
NOTE:
FOR EIAJ TEST NO
CLASSIFICATION
CLASS 0: < 250V
CLASS 1A: 250V TO 499V
CLASS 1B: 500V TO 999V
CLASS 1C: 1000V TO 1999V
CLASS 2: 2000V TO 3999V
CLASS 3A: 4000V TO 7999V
CLASS 3B: ≧ 8000V
D:3
G:1
S:2


Similar Part No. - MTN7002ZHS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7002ZHN3 CYSTEKEC-MTN7002ZHN3 Datasheet
267Kb / 7P
   N-CHANNEL MOSFET
More results

Similar Description - MTN7002ZHS3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com