Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MID-57422 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MID-57422
Description  T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MID-57422 Datasheet(HTML) 1 Page - Unity Opto Technology

  MID-57422 Datasheet HTML 1Page - Unity Opto Technology MID-57422 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 3/4 PACKAGE
NPN PHOTOTRANSISTOR
MID-57422
Description
Features
l
Wide range of collector current
l
Lensed for high sensitivity
l
Standard T-1 3/4 (5mm) package
l
Acceptance view angle : 70°
l
Low cost plastic package
Absolute Maximum Ratings
Parameter
Maximum Rating
Unit
Power Dissipation
150
mW
Collector-Emitter Voltage
30
V
Emitter-Collector Voltage
5
V
Operating Temperature Range
-55℃ to +100℃
Storage Temperature Range
-55℃ to +100℃
Lead Soldering Temperature
260℃ for 5 seconds
07/21/2000
@ TA=25℃
The MID-57422 is a NPN silicon phototransistor
mounted in a lensed , water clear plastic package to fit
wide range of IR light source.
Notes :
1.Tolerance is ± 0.25 mm(.010")unless otherwise noted.
2.Protruded resin under flange is 1.0 mm(.040")max.
3.Lead spacing is measured where the leads emerge from the package.
Package Dimensions
Unity Opto Technology Co., Ltd.
ψ5.05
(.200)
2.54
(.100)
7.62
(.300)
1.00
(.040)
0.50TYP.
(.020)
1.00MIN.
(.040)
FLAT DENOTES COLLECTOR
5.47
(.215)
5.90
(.230)
23.40MIN.
(.920)
C
E
Unit : mm (inches )


Similar Part No. - MID-57422

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-52422 UOT-MID-52422 Datasheet
30Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISOR
MID-52A22 UOT-MID-52A22 Datasheet
31Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISOR
MID-52H22 UOT-MID-52H22 Datasheet
30Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-54419 UOT-MID-54419 Datasheet
35Kb / 3P
   T-1 3/4 PACKAGE PIN PHOTODIODE
MID-54422 UOT-MID-54422 Datasheet
33Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
More results

Similar Description - MID-57422

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-54A22 UOT-MID-54A22 Datasheet
29Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-54H22 UOT-MID-54H22 Datasheet
29Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-54422 UOT-MID-54422 Datasheet
33Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-52H22 UOT-MID-52H22 Datasheet
30Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-32H22 UOT-MID-32H22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-30422 UOT-MID-30422 Datasheet
33Kb / 3P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-30A22 UOT-MID-30A22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-33422 UOT-MID-33422 Datasheet
33Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-33H22 UOT-MID-33H22 Datasheet
31Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-38A22 UOT-MID-38A22 Datasheet
28Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com