Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11048ETN+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11048ETN+
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11048ETN+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11048ETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 9Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 10Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 11Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 12Page - Maxim Integrated Products MAX11048ETN+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
DB13
16-Bit Parallel Data Bus Digital Output Bit 13
2
DB12
16-Bit Parallel Data Bus Digital Output Bit 12
3
DB11
16-Bit Parallel Data Bus Digital Output Bit 11
4
DB10
16-Bit Parallel Data Bus Digital Output Bit 10
5
DB9
16-Bit Parallel Data Bus Digital Output Bit 9
6
DB8
16-Bit Parallel Data Bus Digital Output Bit 8
7, 21, 50
DGND
Digital Ground
8, 20, 51
DVDD
Digital Supply. Bypass to DGND with a 0.1μF capacitor at each DVDD input.
9
DB7
16-Bit Parallel Data Bus Digital Output Bit 7
10
DB6
16-Bit Parallel Data Bus Digital Output Bit 6
11
DB5
16-Bit Parallel Data Bus Digital Output Bit 5
12
DB4
16-Bit Parallel Data Bus Digital Output Bit 4
13
DB3
16-Bit Parallel Data Bus Digital I/O Bit 3
14
DB2
16-Bit Parallel Data Bus Digital I/O Bit 2
15
DB1
16-Bit Parallel Data Bus Digital I/O Bit 1
16
DB0
16-Bit Parallel Data Bus Digital I/O Bit 0
17
EOC
Active-Low, End-of-Conversion Output.
EOC goes low when a conversion is completed. EOC goes high
when a conversion is initiated.
18
CONVST
Convert Start Input. The rising edge of CONVST ends sample and starts a conversion on the captured
sample. The ADC is in acquisition mode when CONVST is low and CONVST mode is zero.
19
SHDN
Active-High Shutdown Input. Drive the SHDN high to place the device into a low-current state. In
shutdown mode, the contents of the configuration register are not lost.
22, 28,
35, 43, 49
RDC
Reference Buffer Decoupling. Bypass to AGND with at least a 22μF capacitor each at pins 22, 28, 43,
and 49. Connect all RDC outputs together and bypass with 80μF total capacitance. See the Layout,
Grounding, and Bypassing section.
23, 27, 33,
38, 44, 48
AGNDS
Signal Ground. Connect all AGND and AGNDS inputs together.
24, 30,
41, 47
AVDD
Analog Supply Input. Bypass AVDD to AGND with a 0.1μF capacitor at each AVDD input.
25, 31,
40, 46
AGND
Analog Ground. Connect all AGND inputs together.
26
CH0
Channel 0 Analog Input for the MAX11049
29
CH1
Channel 1 Analog Input for the MAX11049. Channel 0 for the MAX11048.
32
CH2
Channel 2 Analog Input for MAX11049. Channel 1 for the MAX11048, Channel 0 for the MAX11047.
34
CH3
Channel 3 Analog Input for MAX11049. Channel 2 for the MAX11048, Channel 1 for the MAX11047.
36
REFIO
External Reference Input/Internal Reference Output. Place a 0.1μF capacitor from REFIO to AGND.
37
CH4
Channel 4 Analog Input for the MAX11049. Channel 3 for the MAX11048, Channel 2 for the MAX11047.
39
CH5
Channel 5 Analog Input for the MAX11049. Channel 4 for the MAX11048, Channel 3 for the MAX11047.


Similar Part No. - MAX11048ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11048ETN++ MAXIM-MAX11048ETN+ Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results

Similar Description - MAX11048ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com