Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9790BETJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9790BETJ
Description  Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9790BETJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9790BETJ Datasheet HTML 1Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 2Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 3Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 4Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 5Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 6Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 7Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 8Page - Maxim Integrated Products MAX9790BETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Windows Vista-Compliant, Stereo Class AB Speaker
Amplifiers and DirectDrive Headphone Amplifiers
_______________________________________________________________________________________
5
Note 2: All devices are 100% production tested at room temperature. All temperature limits are guaranteed by design.
Note 3: Specified at room temperature with an 8Ω resistive load connected across BTL output for speaker amplifier. Specified at
room temperature with a 32Ω resistive load connected between HPR, HPL, and GND for headphone amplifier. Speaker and
headphone mode transitions are controlled by SPKR_EN and HP_EN control pins, respectively.
Note 4: Amplifier inputs AC-coupled to GND.
Note 5: Maximum value is due to test limitations.
Note 6: VLDO_OUT = VLDO_OUTNOMINAL - 2%.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = CPVDD = HPVDD = HP_EN = VLDO_EN (MAX9789 only) = +5V, VGND = VPGND = VCPGND = SPKR_EN = VLDO_SET
(MAX9789 only) = 0V, ILDO_OUT (MAX9789 only) = 0, C1 = C2 = CBIAS = 1µF. RL = ∞, unless otherwise specified, VGAIN1 = 0,
VGAIN2 = 5V (AVSP = 10dB, AVHP = 3.5dB), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LDO_SET Input Bias Current
(Note 5)
ISET
±20
±500
nA
IOUT = 50mA
25
50
Dropout Voltage (Note 6)
VDO
VOUT = 4.75V (fixed
output operation),
TA = +25°C
IOUT = 120mA
75
150
mV
Current Limit
ILIM
300
mA
Startup Time
20
µs
Line Regulation
VIN = 4.5V to 5.5V, LDO_OUT = 2.5V,
ILDO_OUT = 1mA
-4.8
+0.8
+4.8
mV/V
Load Regulation
VLDO_OUT = 4.75V,
1mA < ILDO_OUT < 120mA
0.2
mV/mA
f = 1kHz
59
Ripple Rejection
VRIPPLE = 200mVP-P
ILDO_OUT = 10mA
f = 10kHz
42
dB
Output Voltage Noise
20Hz to 22kHz, CLDO_OUT = 2 x 1µF,
ILDO_OUT = 120mA
125
µVRMS
DIGITAL INPUTS (
SPKR_EN, HP_EN, MUTE, GAIN1, GAIN2, LDO_EN (MAX9789 Only))
Input-Voltage High
VINH
2V
Input-Voltage Low
VINL
0.8
V
Input Bias Current
±1
µA


Similar Part No. - MAX9790BETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9790A MAXIM-MAX9790A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9790A MAXIM-MAX9790A Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX9790AETJ++ MAXIM-MAX9790AETJ+ Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
More results

Similar Description - MAX9790BETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9791 MAXIM-MAX9791_V01 Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9791 MAXIM-MAX9791 Datasheet
630Kb / 30P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
Rev 0; 11/08
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com