Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN7N65FP Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTN7N65FP
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN7N65FP Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTN7N65FP Datasheet HTML 1Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 2Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 3Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 4Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 5Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 6Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 7Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 8Page - Cystech Electonics Corp. MTN7N65FP Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C436FP-A
Issued Date : 2009.05.19
Revised Date :
Page No. : 3/9
MTN7N65FP
CYStek Product Specification
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
650
-
-
V
VGS=0, ID=250μA, Tj=25℃
BVDSS
-
700
-
V
VGS=0, ID=250μA, Tj=150℃
∆BVDSS/∆Tj
-
0.8
-
V/
°C
Reference to 25
°C, ID=250μA
BVDS
-
700
-
V
VGS=0, ID=7A
VGS(th)
2.0
-
4.0
V
VDS = VGS, ID=250μA
*GFS
-
5
-
S
VDS =15V, ID=3A
IGSS
-
-
±
100
nA
VGS=±30
IDSS
-
-
10
μA
VDS =650V, VGS =0
*RDS(ON)
-
-
1.5
Ω
VGS =10V, ID=3.6A
Dynamic
*Qg
-
28
36
*Qgs
-
4.5
-
*Qgd
-
12
-
nC
ID=7A, VDD=520V, VGS=10V
*td(ON)
-
20
50
*tr
-
50
110
*td(OFF)
-
90
190
*tf
-
55
120
ns
VDD=325V, ID=7A, VGS=10V,
RG=25Ω, RD=46Ω
Ciss
-
955
1245
Coss
-
100
130
Crss
-
12
16
pF
VGS=0V, VDS=25V, f=1MHz
Source-Drain Diode
*VSD
-
-
1.5
V
IS=7A, VGS=0V
*IS
-
-
7
*ISM
-
-
28
A
*trr
-
400
-
ns
*Qrr
-
3.3
-
μC
VGS=0, IF=7A, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
MTN7N65FP
TO-220FP
(RoHS compliant)
50 pcs/tube, 20 tubes/box, 4 boxes / carton
7N65


Similar Part No. - MTN7N65FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7N65CE3 CYSTEKEC-MTN7N65CE3 Datasheet
516Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN7N65CE3-0-UB-X CYSTEKEC-MTN7N65CE3-0-UB-X Datasheet
516Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN7N65CFP CYSTEKEC-MTN7N65CFP Datasheet
494Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN7N65CFP-0-UB-S CYSTEKEC-MTN7N65CFP-0-UB-S Datasheet
494Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN7N65FP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com