Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9789BETJ+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9789BETJ+
Description  Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9789BETJ+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9789BETJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX9789BETJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Windows Vista-Compliant, Stereo Class AB Speaker
Amplifiers and DirectDrive Headphone Amplifiers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0606; Rev 3; 9/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX9789/MAX9790 combine a stereo, 2W Class AB
speaker power amplifier with a stereo 100mW
DirectDrive® headphone amplifier in a single device. The
MAX9789/MAX9790 are designed for use with the
Microsoft Windows Vista® operating system and are fully
compliant with Microsoft’s Windows Vista specifications.
The headphone amplifier features Maxim’s patented
DirectDrive architecture that produces a ground-refer-
enced output from a single supply to eliminate the need
for large DC-blocking capacitors, as well as save cost,
board space, and component height. A high +90dB
PSRR and low 0.002% THD+N ensures clean, low-distor-
tion amplification of the audio signal.
Separate speaker and headphone amplifier control
inputs provide independent shutdown of the speaker
and headphone amplifiers, allowing speaker and head-
phone amplifiers to be active simultaneously, if
required. The industry-leading click-and-pop suppres-
sion circuitry reduces audible transients during startup
and shutdown cycles.
The MAX9789 features an internal LDO that can be used
as a clean power supply for a CODEC or other circuits.
The LDO output voltage is set internally at 4.75V or can
be adjusted between 1.21V and 4.75V using a simple
resistive divider. The LDO is protected against thermal
overloads and short circuits while providing 120mA of
continuous output current and can be enabled indepen-
dently of the audio amplifiers.
By disabling the speaker and headphone amplifiers, and
the LDO (for MAX9789), the MAX9789/MAX9790 enter
low-power shutdown mode and draw only 0.3µA.
The MAX9789/MAX9790 operate from a single 4.5V to
5.5V supply and feature thermal-overload and output
short-circuit protection. Devices are specified over the
-40°C to +85°C extended temperature range.
Features
Applications
Note: All devices are specified over the -40°C to +85°C extended
temperature range.
+
Denotes a lead-free/RoHS-compliant package.
*
EP = Exposed pad.
**
Future product—contact factory for availability.
PART
PIN-PACKAGE INTERNAL LDO tON (ms)
MAX9789AETJ+
32 TQFN-EP*
Yes
100
MAX9789BETJ+** 32 TQFN-EP*
Yes
25
MAX9789CETJ+
32 TQFN-EP*
Yes
100
MAX9790AETJ+
32 TQFN-EP*
No
100
MAX9790BETJ+** 32 TQFN-EP*
No
25
Simplified Block Diagrams
MAX9789
SPKR_EN
HP_EN
MUTE
GAIN1
GAIN2
SPEAKER SUPPLY
4.5V TO 5.5V
HEADPHONE SUPPLY
3.0V TO 5.5V
LDO
4.5V TO 5.5V
SPKR_INR
SPKR_INL
HP_INR
HP_INL
1.21V TO 4.75V
o Microsoft Windows Vista Compliant
o Class AB 2W Stereo BTL Speaker Amplifier
o 100mW DirectDrive Headphone Amplifier
Eliminates Costly, Bulky DC-Blocking Capacitors
o Excellent RF Immunity
o Integrated 120mA LDO (MAX9789)
o High +90dB PSRR, Low 0.002% THD+N
o Low-Power Shutdown Mode
o Click-and-Pop Suppression
o Short-Circuit and Thermal-Overload Protection
o Available in 32-Pin Thin QFN (5mm x 5mm x
0.8mm) Package
Notebook Computers
Tablet PCs
Portable Multimedia Players
Windows Vista is a registered trademark of Microsoft Corp.
Pin Configurations appear at end of data sheet.
†U.S. Patent # 7,061,327.
Simplified Block Diagrams continued at end of data sheet.
DirectDrive is a registered trademark of Maxim Integrated
Products, Inc.


Similar Part No. - MAX9789BETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789A MAXIM-MAX9789A Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX9789AETJ++ MAXIM-MAX9789AETJ+ Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX9789AEVKIT++ MAXIM-MAX9789AEVKIT+ Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
More results

Similar Description - MAX9789BETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9791 MAXIM-MAX9791_V01 Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9791 MAXIM-MAX9791 Datasheet
630Kb / 30P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
Rev 0; 11/08
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com