Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

311410 Datasheet(PDF) 1 Page - Lumberg

Part # 311410
Description  Minimodul??Steckverbinder, Raster 2,5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

311410 Datasheet(HTML) 1 Page - Lumberg

  311410 Datasheet HTML 1Page - Lumberg 311410 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Minimodul™-Leergehäuse zur Aufnahme von Crimp-
kontakten, für indirektes Stecken
1. Temperaturbereich
-25 °C/+100 °C
2. Werkstoffe
Kontaktträger
PBT, V0 nach UL 94
3. Mechanische Daten1
Passender Kontakt
Crimpkontakt 3111
Kontaktierung mit
Stiftleisten 2,5 MS...
4. Elektrische Daten1
Bemessungsspannung2
125 V AC 3
250 V AC 4
Isolierstoffgruppe2
IIIa (CTI
≥ 250)
Kriechstrecke
≥ 1,5 mm 3
≥ 4,0 mm 4
Luftstrecke
≥ 1,5 mm 3
≥ 4,0 mm 4
Isolationswiderstand
> 1 G
Ω
1
weitere Angaben siehe 3111
2
nach DIN VDE 0110/IEC 60664
3
jede Kammer bestückt
4
jede zweite Kammer bestückt
3114
®
www.lumberg.com
11/2009
Minimodul™-Steckverbinder, Raster 2,5 mm
Minimodul™ connectors, pitch 2.5 mm
Connecteurs Minimodul™, pas 2,5 mm


Similar Part No. - 311410

ManufacturerPart #DatasheetDescription
logo
Lumberg
311410 LUMBERG-311410 Datasheet
165Kb / 2P
   Mini modul-Leergehause zur Aufnahme von Crimp - kontakten, fur indirektes Stecken
311410 LUMBERG-311410 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
logo
ITT Industries
311410000 ITT-311410000 Datasheet
671Kb / 8P
   Thumbwheel Switches
311410001 ITT-311410001 Datasheet
671Kb / 8P
   Thumbwheel Switches
311410002 ITT-311410002 Datasheet
671Kb / 8P
   Thumbwheel Switches
More results

Similar Description - 311410

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
2.5MSFD LUMBERG-2.5MSFD Datasheet
99Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
3111L LUMBERG-3111L Datasheet
127Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
MBSP LUMBERG-MBSP Datasheet
60Kb / 1P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MB LUMBERG-2.5MB Datasheet
101Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
2.5MS LUMBERG-2.5MS Datasheet
71Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW-O LUMBERG-2.5MSFW-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com