Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

311101G Datasheet(PDF) 2 Page - Lumberg

Part # 311101G
Description  Minimodul??Steckverbinder, Raster 2,5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

311101G Datasheet(HTML) 2 Page - Lumberg

  311101G Datasheet HTML 1Page - Lumberg 311101G Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Verpackung: 3111 L lose im Karton, 3111 G auf Rolle
Packaging: 3111 L in bulk, in a cardboard box, 3111 G on reel
Emballage: 3111 L en vrac, dans un carton, 3111 G en bobine
Minimodul™/Multimodul™ crimp contact
3111 L: in bulk
3111 G: on reel
1. Temperature range
-25 °C/+100 °C
2. Materials
Contact spring
CuSn, tinned
other plating finishes on request
3. Mechanical data1
Insertion force/contact2
≤ 4.0 N
Withdrawal force/contact2
≥ 0.5 N
Retaining force in housing
≥ 50 N
Suitable housing
empty housings 3114, 3823
Connectable conductors crimp terminal
Section 3111 01
0.10–0.25 mm2
Section 3111 03
0.30–0.60 mm2
Max. insulation diameter
2.1 mm
4. Electrical data1
Contact resistance
≤ 5 mΩ
Rated current
5.0 A at T
amb 30 °C
2.5 A at T
amb 70 °C
1
further data see 3114, 3823
2
measured with a polished steel pin, nominal thickness 0.65 mm
Contact à sertir Minimodul™/Multimodul™
3111 L: en vrac
3111 G: en bobine
1. Température d’utilisation
-25 °C/+100 °C
2. Matériaux
Ressort de contact
CuSn, étamé, autres traitements de
surface sur demande
3. Caractéristiques mécaniques1
Force d’insertion/contact2
≤ 4,0 N
Force de séparation/contact2
≥ 0,5 N
Force de rétention dans le boîtier
≥ 50 N
Boîtier assorti
boîtiers vides 3114, 3823
Conducteurs raccordables terminal à sertir
Section 3111 01
0,10–0,25 mm2
Section 3111 03
0,30–0,60 mm2
Diamètre max. d’isolement
2,1 mm
4. Caractéristiques électriques1
Résistance de contact
≤ 5 mΩ
Courant assigné
5,0 A at T
amb 30 °C
2,5 A at T
amb 70 °C
1
autres caractéristiques voir 3114, 3823
2
mesurée avec une tige d’acier poli, épaisseur nominale 0,65 mm
3111 L
3111 L
3111 G
3111 G
Bestellbezeichnung
Polzahl
Verpackungseinheit
Abmessungen
Designation
Poles
Package unit
Dimensions
Désignation
Pôles
Unité d’emballage
Dimensions
A (mm)
B (mm)
C (mm)
D (mm)
3111 01 L
1
1000
1,5
1,7
2,2
2,0
3111 03 L
1
1000
2,4
2,0
3,4
2,7
3111 01 G
1
14000
1,5
1,7
2,2
2,0
3111 03 G
1
10000
2,4
2,0
3,4
2,7
3111 01 G500
1
500
1,5
1,7
2,2
2,0
3111 03 G500
1
500
2,4
2,0
3,4
2,7
www.lumberg.com
11/2009
Minimodul™-Steckverbinder, Raster 2,5 mm
Minimodul™ connectors, pitch 2.5 mm
Connecteurs Minimodul™, pas 2,5 mm


Similar Part No. - 311101G

ManufacturerPart #DatasheetDescription
logo
Lumberg
311101G LUMBERG-311101G Datasheet
253Kb / 2P
   Minimodul/Multimodul-Crimp kontakt
311101G LUMBERG-311101G Datasheet
660Kb / 4P
   Minimodul connectors, pitch 2.5 mm
311101G500 LUMBERG-311101G500 Datasheet
253Kb / 2P
   Minimodul/Multimodul-Crimp kontakt
311101G500 LUMBERG-311101G500 Datasheet
660Kb / 4P
   Minimodul connectors, pitch 2.5 mm
More results

Similar Description - 311101G

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFD LUMBERG-2.5MSFD Datasheet
99Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
MBSP LUMBERG-MBSP Datasheet
60Kb / 1P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MB LUMBERG-2.5MB Datasheet
101Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
2.5MS LUMBERG-2.5MS Datasheet
71Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW-O LUMBERG-2.5MSFW-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com