Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4995AFATA+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4995AFATA+T
Description  50mA to 600mA Programmable Current-Limit Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995AFATA+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4995AFATA+T Datasheet HTML 5Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 6Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 7Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 8Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 9Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 10Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 11Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 12Page - Maxim Integrated Products MAX4995AFATA+T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
50mA to 600mA Programmable
Current-Limit Switches
______________________________________________________________________________________
11
Applications Information
Setting the Current Limit
A resistor from SETI to ground programs the current-limit
value for the MAX4995. Table 2 lists various current lim-
its set by different resistor values at SETI. Shorting SETI
to ground asserts FLAG.
Use the following formula to calculate the current limit:
Using an RSETI with a value smaller than 45.8k
Ω results
in a higher current limit. A programmed output current
greater than 660mA can damage the device.
Connecting any capacitance larger than 20pF to SETI
can cause instability.
Input Capacitor
Connect a capacitor from IN to GND to limit the input
voltage drop during momentary output short-circuit
conditions. Use a 1µF minimum ceramic capacitor for
proper device operation. Larger capacitor values
reduce the voltage undershoot at the input.
Due to the very fast current-limit reaction time of the
MAX4995AF, a larger input capacitance might need to
be connected at the input to dampen oscillation due to
long wires. Choose a value large enough to ensure IN
doesn’t exceed the absolute maximum ratings.
Output Capacitor
For stable operation over the full temperature range
and over the full programmable current-limit range, use
a 1µF ceramic capacitor from OUT to ground.
If the load capacitance is too large, then current may not
have enough time to charge the capacitance and the
device assumes that there is a faulty load condition.
Calculate the maximum capacitive load (CMAX) value that
can be connected to OUT using the following formula:
For example, for VIN = 3.3V, tBLANK(MIN) = 10ms, and
ILIM = 300mA, CMAX equals 909µF.
Due to the very fast current-limit reaction time of the
MAX4995AF, a larger output capacitance might need to
be connected at the output to dampen oscillation due
to long wires. Choose a value large enough to ensure
OUT doesn’t exceed the absolute maximum ratings.
Layout and Thermal Dissipation
To optimize the switch response time to output short-
circuit conditions, it is very important to keep all traces
as short as possible to reduce the effect of undesirable
parasitic inductance. Place input and output capacitors
as close as possible to the device. IN and OUT must be
connected with wide, short traces to the power bus.
During normal operation, the power dissipation is small
and the package temperature change is minimal. If the
output is continuously shorted to ground at the maxi-
mum supply voltage, the operation of the switches with
the autoretry option does not cause problems because
the total power dissipated during the short is scaled by
the duty cycle:
Attention must be given to the MAX4995C continuous
current-limit version when the power dissipation during
a fault condition may cause the device to reach thermal
shutdown threshold.
P
VI
t
tt
MAX
IN(MAX)
OUT(MAX)
BLANK
RETRY
BLANK
=
××
+
C( F)
I
(mA)
t
(ms )
V(
MAX
LIM
BLANK(MIN)
IN
μ=
×
V)
R(k )
2
I( A
2.48 k
SETI
LIM
ΩΩ
=
9042( )
)
()
V
m
RSETI (k
Ω)
TYPICAL CURRENT LIMIT (mA)
45.8
602
55.6
500
70.6
397
94.2
300
143
200
191
150
287
100
576
50
∞ (Open)
0
Table 2. Current Limit vs. Resistor Values


Similar Part No. - MAX4995AFATA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995AFATA+T MAXIM-MAX4995AFATA+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995AFATA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com