Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4995AFAVB+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4995AFAVB+T
Description  50mA to 600mA Programmable Current-Limit Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995AFAVB+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4995AFAVB+T Datasheet HTML 4Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 5Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 6Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 7Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 8Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 9Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 10Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 11Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
50mA to 600mA Programmable
Current-Limit Switches
8
_______________________________________________________________________________________
OUT
SETI
IN
MAX4995A/MAX4995AF/
MAX4995AL/MAX4995B/
MAX4995C
CONTROL
LOGIC
REVERSE-
CURRENT
PROTECTION
THERMAL
SHUTDOWN
CURRENT
LIMIT
BANDGAP
REFERENCE
BUFFER
TIMING
CIRCUITRY
BUFFER
N.C.
FLAG
SOFT-START
ON (ON)*
UVLO
*( ) FOR THE MAX4995AL ONLY.
GND
Functional Diagram
Pin Description (continued)
PIN (UTQFN)
PIN (TDFN-EP)
PIN (SOT23)
MAX4995AL
MAX4995_
MAX4995AL
MAX4995_
MAX4995AL
MAX4995_
NAME
FUNCTION
6, 9
6, 9
7
7
N.C.
No Connect. Not internally
connected.
7, 8
7, 8
8
8
1
1
OUT
Switch Output. Bypass OUT with
a 1μF capacitor to ground.
Connect both outputs (OUT)
together.
EP
Exposed Pad. Connect EP to
GND. For TDFN package only.


Similar Part No. - MAX4995AFAVB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995AFAVB+T MAXIM-MAX4995AFAVB+T Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4995AFAVB+T MAXIM-MAX4995AFAVB+T Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995AFAVB+T MAXIM-MAX4995AFAVB+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995AFAVB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com