Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2.5MS11 Datasheet(PDF) 2 Page - Lumberg

Part # 2.5MS11
Description  Minimodul??Steckverbinder, Raster 2,5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2.5MS11 Datasheet(HTML) 2 Page - Lumberg

  2.5MS11 Datasheet HTML 1Page - Lumberg 2.5MS11 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Minimodul™ pin header
1. Temperature range
-40 °C/+110 °C
2. Materials
Insulating body
PA GF, V0 according to UL 94
Contact pin
CuZn, pre-nickeled and tinned
3. Mechanical data
Mating with
connectors 2,5 MBX, 3114/3111,
socket boards 2,5 MB..., shorting
links 2,54 MKB
4. Electrical data
Rated current
5 A
Rated voltage
250 V AC
Test voltage
2 kV/60 s
Insulation resistance
> 1 G
Ω
Réglette à broches Minimodul™
1. Température d’utilisation
-40 °C/+110 °C
2. Matériaux
Corps isolant
PA GF, V0 suivant UL 94
Contact à broche
CuZn, sous-nickelé et étamé
3. Caractéristiques mécaniques
Raccordement avec
connecteurs 2,5 MBX, 3114/3111,
réglettes à prises femelles 2,5 MB...,
pontets de court-circuit 2,54 MKB
4. Caractéristiques électriques
Courant assigné
5 A
Tension assignée
250 V AC
Tension d’essai
2 kV/60 s
Résistance d’isolement
> 1 G
Ω
Verpackung: lose im Karton
Packaging: in bulk, in a cardboard box
Emballage: en vrac, dans un carton
2,5 MS
2,5 MS
Bestellbezeichnung
Polzahl
Verpackungseinheit
Designation
Poles
Package unit
Désignation
Pôles
Unité d’emballage
2,5 MS 02
2
250
2,5 MS 03
3
250
2,5 MS 04
4
250
2,5 MS 05
5
250
2,5 MS 06
6
250
2,5 MS 07
7
250
2,5 MS 08
8
250
2,5 MS 09
9
250
2,5 MS 10
10
250
2,5 MS 11
11
250
2,5 MS 12
12
250
2,5 MS 13
13
250
2,5 MS 14
14
250
2,5 MS 15
15
250
2,5 MS 16
16
250
2,5 MS 17
17
250
2,5 MS 18
18
250
2,5 MS 19
19
250
2,5 MS 20
20
200
www.lumberg.com
11/2009
Minimodul™-Steckverbinder, Raster 2,5 mm
Minimodul™ connectors, pitch 2.5 mm
Connecteurs Minimodul™, pas 2,5 mm


Similar Part No. - 2.5MS11

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF/O02 LUMBERG-2.5MSF/O02 Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF/O03 LUMBERG-2.5MSF/O03 Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF/O04 LUMBERG-2.5MSF/O04 Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
More results

Similar Description - 2.5MS11

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFD LUMBERG-2.5MSFD Datasheet
99Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
3111L LUMBERG-3111L Datasheet
127Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
MBSP LUMBERG-MBSP Datasheet
60Kb / 1P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MB LUMBERG-2.5MB Datasheet
101Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW-O LUMBERG-2.5MSFW-O Datasheet
105Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com