Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS880PP Datasheet(PDF) 1 Page - Marktech Corporate

Part # LS880PP
Description  INFRA-RED LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LS880PP Datasheet(HTML) 1 Page - Marktech Corporate

  LS880PP Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0PTRANS
INFRA−RED
LED
LS880PP
FEATURES
・High-output Power
・Narrow Beam Angle
・Super Compact (φ1.55)
・High Reliability in Demanding Environments
APPLICATIONS
・Optical Switches
・Edge Sensing (Coin Dispenser)
・Smoke Detectors
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
ITEM
SYMBOL
UNIT
RATINGS
Forward Current
IF
mA
100
Pulse IF *
IFP
A
1
Reverse Voltage
VR
V
5
Power Dissipation
PD
mW
150
Operating Temp.
Topr
-30∼+125
Storage Temp.
Tstg
-40∼+125
Junction Temp.
Tj
125
* tw=100μS、T=10mS
ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25℃)
ITEM
SYMBOL
UNIT
MIN
TYP
MAX
CONDITIONS
Power Output
PO
mW
1.5
2.5
IF=50mA
Apertured Radiant Incidence
Ee
mW/cm
2
3.5
6.0
Forward Voltage
VF
V
1.45
1.7
IF=50mA
Reverse Current
IR
μA
10
VR=5V
Peak Emission Wavelength
λp
nm
880
IF=50mA
Spectral Line Half Width
△λ
nm
60
IF=50mA
Rise Time
Tr
ns
1500
IFP=50mA
Fall Time
Tf
ns
800
IFP=50mA
Half Intensity Beam Angle
θ
deg
±18
2005.4
unit: mm
3.3
To purchase this part contact
Marktech Optoelectronics at
800.984.5337
Optoelectronics
www.marktechopto.com
Marktech


Similar Part No. - LS880PP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LS880PT MARKTECH-LS880PT Datasheet
140Kb / 1P
   Infrared Emitting Diode
More results

Similar Description - LS880PP

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
Melexis Microelectronic...
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
KP-3216F3C KINGBRIGHT-KP-3216F3C Datasheet
129Kb / 5P
   INFRA-RED EMITTING DIODES
logo
Zetex Semiconductors
ZME50 ZETEX-ZME50 Datasheet
69Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Kingbright Corporation
AM2520F3C03 KINGBRIGHT-AM2520F3C03 Datasheet
103Kb / 5P
   INFRA-RED EMITTING DIODES
logo
List of Unclassifed Man...
L-34F3C ETC-L-34F3C Datasheet
141Kb / 5P
   INFRA-RED EMITTIMG DIODES
logo
Diodes Incorporated
ZME50 DIODES-ZME50 Datasheet
70Kb / 3P
   INFRA-RED EMITTING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com