Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L05XA3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM78L05XA3
Description  Three Terminal Low Current Positive Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78L05XA3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM78L05XA3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78L05XA3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78L05XA3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78L05XA3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78L05XA3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C515A3
Issued Date : 2003.03.26
Revised Date :2006.04.07
Page No. : 2/5
LM78L05XA3
CYStek Product Specification
Ordering Information
Device
Output Voltage Tolerance
LM78L05AA3
3%
LM78L05BA3
5%
Electrical Characteristics
Vin=10V, Iout=40mA, 0
°C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
LM78L05A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.85
5.00
5.15
1mA
≤Io≤70mA
4.85
-
5.15
Vo
Output Voltage
1mA
≤Io≤40mA and
7V
≤Vin≤20V
4.85
-
5.15
V
Tj=25
°C, 7V≤Vin≤20V
-
-
150
∆Vo
Line Regulation
Tj=25
°C, 8V≤Vin≤20V
-
-
100
mV
Tj=25
°C, 1mA≤Io≤40mA
-
-
30
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
-
100
mV
Tj=25
°C
-
3
6
IQ
Quiescent Current
Tj=125
°C
-
-
5.5
mA
with load
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
with line
8V
≤Vin≤20V
-
-
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
40
-
uV
∆Vin / ∆Vout Ripple Rejection
8V
≤Vin≤16V, f=120Hz
47
62
-
dB
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V
LM78L05B
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.80
5.00
5.20
1mA
≤Io≤70mA
4.75
-
5.25
Vo
Output Voltage
1mA
≤Io≤40mA and
7V
≤Vin≤20V
4.75
-
5.25
V
Tj=25
°C, 7V≤Vin≤20V
-
-
150
∆Vo
Line Regulation
Tj=25
°C, 8V≤Vin≤20V
-
-
100
mV
Tj=25
°C, 1mA≤Io≤40mA
-
-
30
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
-
100
mV
Tj=25
°C
-
3
6
IQ
Quiescent Current
Tj=125
°C
-
-
5.5
mA
with load
with load
-
-
0.1
∆IQ
Quiescent Current
Change
with line
with line
-
-
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
40
-
uV
∆Vin / ∆Vout Ripple Rejection
8V
≤Vin≤16V, f=120Hz
47
62
-
dB
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V


Similar Part No. - LM78L05XA3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78L05XM3 CYSTEKEC-LM78L05XM3 Datasheet
173Kb / 4P
   Low Current Positive Voltage Regulator
More results

Similar Description - LM78L05XA3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com