Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBNP45S6R Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # HBNP45S6R
Description  General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBNP45S6R Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  HBNP45S6R Datasheet HTML 1Page - Cystech Electonics Corp. HBNP45S6R Datasheet HTML 2Page - Cystech Electonics Corp. HBNP45S6R Datasheet HTML 3Page - Cystech Electonics Corp. HBNP45S6R Datasheet HTML 4Page - Cystech Electonics Corp. HBNP45S6R Datasheet HTML 5Page - Cystech Electonics Corp. HBNP45S6R Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C901S6R
Issued Date : 2004.04.19
Revised Date :
Page No. : 1/6
HBNP45S6R
CYStek Product Specification
General Purpose NPN / PNP Epitaxial Planar Transistors
(dual transistors)
HBNP45S6R
Features
• Includes a BTC2412 chip and a BTA1037 chip in a SOT-363 package.
• Mounting possible with SOT-323 automatic mounting machines.
• Transistor elements are independent, eliminating interference.
• Mounting cost and area can be cut in half.
Equivalent Circuit
Absolute Maximum Ratings (Ta=25°C)
Limits
Parameter
Symbol
TR1 (NPN)
TR2 (PNP)
Unit
Collector-Base Voltage
VCBO
60
-60
V
Collector-Emitter Voltage
VCEO
50
-50
V
Emitter-Base Voltage
VEBO
7
-6
V
Collector Current
IC
150
-150
mA
Power Dissipation
Pd
200(total)
*1
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note: *1 150mW per element must not be exceeded.
SOT-363R
HBNP45S6R


Similar Part No. - HBNP45S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNP45C6 CYSTEKEC-HBNP45C6 Datasheet
283Kb / 7P
   General Purpose NPN / PNP Epitaxial Planar Transistors
More results

Similar Description - HBNP45S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBP2907S6R CYSTEKEC-HBP2907S6R Datasheet
193Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors(dual transistors)
HBP1037S6R CYSTEKEC-HBP1037S6R Datasheet
203Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors (dual transistors)
HBN2412S6R CYSTEKEC-HBN2412S6R Datasheet
182Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors (dual transistors)
HBNPZ1NS6R CYSTEKEC-HBNPZ1NS6R Datasheet
198Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6_17 Datasheet
332Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP1268Q8 CYSTEKEC-HBNP1268Q8 Datasheet
294Kb / 8P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6 Datasheet
323Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP3946S6R CYSTEKEC-HBNP3946S6R Datasheet
152Kb / 5P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45C6 CYSTEKEC-HBNP45C6 Datasheet
283Kb / 7P
   General Purpose NPN / PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com