Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBN2444S6R Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # HBN2444S6R
Description  Low Vcesat NPN Epitaxial Planar Transistor (Dual Transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBN2444S6R Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  HBN2444S6R Datasheet HTML 1Page - Cystech Electonics Corp. HBN2444S6R Datasheet HTML 2Page - Cystech Electonics Corp. HBN2444S6R Datasheet HTML 3Page - Cystech Electonics Corp. HBN2444S6R Datasheet HTML 4Page - Cystech Electonics Corp. HBN2444S6R Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C223S6-R
Issued Date : 2005.06.29
Revised Date :
Page No. : 5/5
HBN2444S6R
CYStek Product Specification
SOT-363 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.071
0.087
1.8
2.2
J
0.004
0.010
0.1
0.25
B
0.045
0.053
1.15
1.35
K
0.004
0.012
0.1
0.30
C
0.031
0.043
0.8
1.1
N
0.008 REF
0.20 REF
D
0.004
0.012
0.1
0.3
S
0.079
0.087
2.00
2.40
G
0.026BSC
0.65BSC
Y
0.012
0.016
0.30
0.40
H
-
0.004
-
0.1
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
6-Lead SOT-363 Plastic
Surface Mounted Package
CYStek Package Code: S6
Style:
Pin 1. Emitter1 (E1)
Pin 2. Base1 (B1)
Pin 3. Collector2 (C2)
Pin 4. Emitter2 (E2)
Pin 5. Base2 (B2)
Pin 6. Collector1 (C1)
Marking:
BS


Similar Part No. - HBN2444S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBN2411S6R CYSTEKEC-HBN2411S6R Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors
HBN2412C6 CYSTEKEC-HBN2412C6 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistors
HBN2412C6-0-T1-G CYSTEKEC-HBN2412C6-0-T1-G Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistors
HBN2412S6R CYSTEKEC-HBN2412S6R Datasheet
182Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors (dual transistors)
More results

Similar Description - HBN2444S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com